Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79L06 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L06
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L06 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM79L06 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 2
-
HTC
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
LM79L05
-7
-20
LM79L06
-8
-20
LM79L08
-10.5
-23
LM79L09
-11.5
-24
LM79L12
-14.5
-27
LM79L15
-17.5
-30
LM79L18
-20.5
-33
Input Voltage
LM79L24
VIN
-27
-38
V
Output Current
Io
-
100
mA
Operating Virtual Junction Temperature
TJ
0
125
℃
Ordering Information
VOUT
Package
Order No.
Description
Supplied As
Status
LM79L05
0.1A, Negative
Bulk
Active
TO-92
LM79L05TA
0.1A, Negative
Taping
Active
5.0V
SOT-89
LM79L05F
0.1A, Negative
Reel
Active
LM79L06
0.1A, Negative
Bulk
Active
TO-92
LM79L06TA
0.1A, Negative
Taping
Active
6.0V
SOT-89
LM79L06F
0.1A, Negative
Reel
Active
LM79L08
0.1A, Negative
Bulk
Active
TO-92
LM79L08TA
0.1A, Negative
Taping
Active
8.0V
SOT-89
LM79L08F
0.1A, Negative
Reel
Active
LM79L09
0.1A, Negative
Bulk
Active
TO-92
LM79L09TA
0.1A, Negative
Taping
Active
9.0V
SOT-89
LM79L09F
0.1A, Negative
Reel
Active
LM79L12
0.1A, Negative
Bulk
Active
TO-92
LM79L12TA
0.1A, Negative
Taping
Active
12V
SOT-89
LM79L12F
0.1A, Negative
Reel
Active
LM79L15
0.1A, Negative
Bulk
Active
TO-92
LM79L15TA
0.1A, Negative
Taping
Active
15V
SOT-89
LM79L15F
0.1A, Negative
Reel
Active



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com