Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79L06 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L06
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L06 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM79L06 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L06 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 1
-
HTC
TO-92 PKG
SOT-89 PKG
ORDERING INFORMATION
Device
Package
LM79LXX
TO-92 (Bulk)
LM79LXXTA
TO-92 (Taping)
LM79LXXF
SOT-89
FEATURES
Output Current Up to 100mA
No External Components
Internal Thermal Overload Protection
Internal Short-Circuit Limiting
Output Voltage of 5V, 6V, 8V, 9V, 12V, 15V, 18V and 24V
Moisture Sensitivity Level 3
DESCRIPTION
This series of fixed-voltage monolithic integrated-circuit
voltage regulators is designed for a wide range of
applications.
These
applications
include
on-card
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
addition, they can be used with power-pass elements to
make high current voltage regulators.
Each of these regulators can deliver up to 100mA of
output current. The internal limiting and thermal shutdown
features of these regulators make them essentially
immune to overload. When used as a replacement for a
zener
diode-resistor
combination,
an
effective
improvement in output impedance can be obtained
together with lower-bias current.
XX : Output Voltage = 05, 06, 08, 09, 12, 15, 18, 24
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
LM79L05 ~ LM79L09
-
-30
LM79L12 ~ LM79L18
-
-35
Input Voltage
LM79L24
VIN
-
-40
V
Maximum Power Dissipation at TA = 25°C / TO-92
PDMax
-
0.770
W
Thermal Resistance Junction-To-Ambient / TO-92
θJA
-
162
℃
/W
Lead Temperature (Soldering, 10 sec)
TSOL
-
260
℃
Storage Temperature Range
TSTG
-65
150
℃
Operating Junction Temperature Range
TJOPR
0
150
℃


Similar Part No. - LM79L06

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM79L06 KEXIN-LM79L06 Datasheet
63Kb / 1P
Three-terminal negative voltage regulator
logo
Shenzhen Jin Yu Semicon...
LM79L06 HTSEMI-LM79L06 Datasheet
1Mb / 2P
Three-terminal negative voltage regulator
logo
Tiger Electronic Co.,Lt...
LM79L06 TGS-LM79L06 Datasheet
439Kb / 2P
TO-92 Encapsulate Three-terminal voltage regulator
logo
First Components Intern...
LM79L06 FCI-LM79L06 Datasheet
2Mb / 7P
LM79L00 Series 3-Terminal Negative Output Voltage Regulators
More results

Similar Description - LM79L06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com