Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317F Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM317F
Description  ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM317F Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM317F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM317F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM317F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
LM317L
3-TERMINAL 100mA POSITIVE ADJUSTABLE REGULATOR
FEATURES
● Output current in Excess of 100mA
● Output Adjustable Between 1.2V and 37V
● Internal Thermal-Overload Protection
● Internal Short-Circuit Current-Limiting
● Output Transistor Safe-Area Compensation
● Floating operation for high voltage applications
● Moisture Sensitivity Level 3
DISCRIPTION
This monolithic integrated circuit is an adjustable
3-terminal positive voltage regulator designed to
supply more than 100mA of load current with an
output voltage adjustable over a 1.2 to 37V. It employs
Device
internal current limiting, thermal shut-down and safe
LM317L
area compensation.
LM317F
BLOCK DIAGRAM
Jun. 2009 - Rev.1.1
HTC
ORDERING INFORMATION
Marking
LM317L
317
Package
TO-92
SOT-89
1
1.Adj 2. Vout 3. Vin
3. VIN
2. VOUT
1. ADJ
TO-92 PKG
SOT-89 PKG


Similar Part No. - LM317F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM317F HTC-LM317F Datasheet
93Kb / 3P
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Cystech Electonics Corp...
LM317F3 CYSTEKEC-LM317F3 Datasheet
300Kb / 11P
Three Terminal Adjustable Output
More results

Similar Description - LM317F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
Positive Adjustable Voltage Regulator
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
Positive Adjustable Voltage Regulator
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com