Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC347LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC347LP3
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC347LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC347LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC347LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC347LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC347LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC347LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC347LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 226
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC347LP3 / 347LP3E
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 14 GHz
v06.0805
General Description
Features
Functional Diagram
The HMC347LP3 & HMC347LP3E are broadband
high isolation non-reflective GaAs MESFET SPDT
switches in low cost leadless QFN surface mount
plastic packages. Covering DC to 14 GHz, the switch
offers high isolation and low insertion loss. The switch
features >50 dB isolation up to 3 GHz and >40 dB
isolation up to 13 GHz. The switch operates using
complementary negative control voltage logic lines of
-5/0V and requires no bias supply. This SPDT is an
excellent alternative to the HMC132C8 SPDT.
High Isolation: >50 dB up to 3 GHz
>45 dB up to 10 GHz
Low Insertion Loss: 1.6 dB @ 10 GHz
Non-Reflective Design
3x3 mm QFN SMT Package
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
The HMC347LP3 / HMC347LP3E is ideal for:
• Basestation Infrastructure
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military Radios, Radar, & ECM
• Test Instrumentation
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 3.0 GHz
DC - 6.0 GHz
DC - 12.0 GHz
DC - 14.0 GHz
1.5
1.6
1.6
1.9
1.9
2.0
2.1
2.4
dB
dB
dB
dB
Isolation
DC - 3.0 GHz
DC - 6.0 GHz
DC - 12.0 GHz
DC - 14.0 GHz
49
41
39
33
53
46
44
38
dB
dB
dB
dB
Return Loss
“On State”
DC - 6.0 GHz
DC - 14.0 GHz
10
8
13
13
dB
dB
Return Loss RF1, RF2
“Off State”
DC - 6.0 GHz
DC - 14.0 GHz
7
6
10
9
dB
dB
Input Power for 1 dB Compression
0.5 - 14.0 GHz
19
23
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone)
0.5 - 14.0 GHz
38
43
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 14 GHz
3
6
ns
ns


Similar Part No. - HMC347LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
248Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC347LP3 HITTITE-HMC347LP3_06 Datasheet
248Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
More results

Similar Description - HMC347LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC232 HITTITE-HMC232_09 Datasheet
207Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com