Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC409LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC409LP4
Description  GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC409LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC409LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 1
HMC409LP4 / 409LP4E
GaAs InGaP HBT 1 WATT
POWER AMPLIFIER, 3.3 - 3.8 GHz
v03.0710
General Description
Features
Functional Diagram
The HmC409lp4 & HmC409lp4e are high efficiency
GaAs inGap HBT mmiC power amplifiers operating
from 3.3 to 3.8 GHz. The amplifier is packaged in a
low cost, leadless smT package. Utilizing a minimum
of external components the amplifier provides 31 dB
of gain and +32.5 dBm of saturated power from a
+5V supply voltage. The power control (Vpd) can be
used for full power down or rf output power/current
control. for +22 dBm ofDm output power (64 QAm,
54 mbps), the HmC409lp4 & HmC409lp4e achieve
an error vector magnitude (eVm) of 2%, meeting
wimAX 802.16 linearity requirements.
Gain: 31 dB
40% pAe @ +32.5 dBm pout
2% eVm @ pout = +22 dBm
with 54mbps ofDm signal
+46 dBm output ip3
integrated power Control (Vpd)
single +5V supply
Electrical Specifications, T
A = +25° C, Vs = +5V, Vpd = +5V, Vbias=+5V
Typical Applications
This amplifier is ideal for use as a power
amplifier for 3.3 - 3.8 GHz applications:
• wimAX 802.16
• fixed wireless Access
• wireless local loop
parameter
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
3.3 - 3.4
3.4 - 3.6
3.6 - 3.8
GHz
Gain
30
32
29
31.5
28
30
dB
Gain Variation over Temperature
0.04
0.05
0.04
0.05
0.035
0.045
dB/ °C
input return loss
10
15
15
dB
output return loss
13
14
10
dB
output power for 1dB Compression (p1dB)
28
30
28
30.5
28
30.5
dBm
saturated output power (psat)
32
32.5
32
dBm
output Third order intercept (ip3) [2]
41
45
42
45.5
41
45
dBm
error Vector magnitude @ 3.5 GHz
(54 mbps ofDm signal @ +22 dBm pout)
2
%
noise figure
5.8
5.8
6
dB
supply Current (icq)
Vs= Vcc1 + Vcc2= +5V
615
615
615
mA
Control Current (ipd)
Vpd = +5V
4
4
4
mA
switching speed
ton, toff
20
20
20
ns
Bias Current (ibias)
10
10
10
mA
note 1: specifications and data reflect HmC409lp4 measured using the application circuit found herein. Contact the HmC Applications Group for
assistance in optimizing performance for your application.
note 2: Two-tone output power of +15 dBm per tone, 1 mHz spacing.


Similar Part No. - HMC409LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC409LP4E HITTITE-HMC409LP4E Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Analog Devices
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
More results

Similar Description - HMC409LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC327MS8G HITTITE-HMC327MS8G_09 Datasheet
214Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com