Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ49300 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TJ49300
Description  3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ49300 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TJ49300 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TJ49300
February 2011
HTC
2
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage (Survival)
VIN
-0.3
6
V
Bias Supply Voltage (Survival)
VBIAS
-0.3
6
V
Enable Input Voltage (Survival)
VEN
-0.3
6
V
Output Voltage (Survival)
VOUT
-0.3
VIN +0.3
V
Lead Temperature (Soldering, 5 sec)
TSOL
260
°C
Storage Temperature Range
TSTG
-65
150
°C
RECOMMENDED OPERATING RATINGS
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage
VIN
1.4
5.5
V
Bias Supply Voltage
VBIAS
3
5.5
V
Enable Input Voltage
VEN
0
VBIAS
V
Ambient Temperature Range
TAOPR
-40
105
°C
Operating Junction Temperature Range
TJOPR
-40
125
°C
THERMAL INFORMATION
THERMAL METRIC
θJC
θJA
UNIT
Thermal Resistance (SOP-8-PP) *
15
75
°C/W
Thermal Resistance (TO-252-5L) *
68
°C/W
Thermal Resistance (TO-263-5L) *
45
°C/W
* Calculated from package in still air, mounted to minimum foot print PCB(1 oz., 2-layer).
ORDERING INFORMATION
VOUT
Package
Order No.
Description
Marking
Compliance
Status
ADJ
SOP-8-PP
TJ49300GDP-ADJ
3.0A, Adjustable
TJ49300G
RoHS, Halogen Free
Active
TO-252 5L
TJ49300GRS-ADJ
3.0A, Adjustable
TJ49300G
RoHS, Halogen Free
Active
TO-263 5L
TJ49300GR-ADJ
3.0A, Adjustable
TJ49300G
RoHS, Halogen Free
Active
1.0V
Contact Us
1.2V
Contact Us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com