Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ49300 Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # TJ49300
Description  3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ49300 Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ49300 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TJ49300
February 2011
HTC
8
Reference Voltage vs. Temperature
Reference Voltage vs. VBIAS
TIME: 200us/div
VIN: 2.0V/div, VBIAS: 2.0V/div, VOUT: 0.5V/div, IOUT=1.0A
TIME: 200us/div
VIN: 2.0V/div, VBIAS: 2.0V/div, VOUT: 0.5V/div, IOUT=0.5A
VBIAS & VIN Start Up Transient Response
VIN Start Up Transient Response
TIME: 200us/div
VBIAS: 2.0V/div, IOUT: 2.0A/div, VOUT: 0.5V/div, VIN=2.5V
VBIAS Start Up Transient Response
0.770
0.780
0.790
0.800
0.810
0.820
0.830
-40
0
40
80
120
AMBIENT TEMPERATURE [℃]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
1
2
3
4
5
BIAS VOLTAGE [V]
VBIAS
IOUT
VOUT
VIN
VBIAS
VOUT
VIN
VBIAS
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com