Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431GASF Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TL431GASF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431GASF Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TL431GASF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431GASF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 1 -
HTC
TO-92 PKG
3
2
1
SOT-23 PKG
2
1
3
SOT-89 PKG
1
2
3
PIN 1. Reference
2. Anode
3. Cathode
ORDERING INFORMATION
Device
Package
TL431
TO-92(Bulk)
TL431TA
TO-92(Taping)
TL431SF
SOT-23 3L
TL431F
SOT-89 3L
FEATURES
Programmable Output Voltage to 40V
Guaranteed 0.5% Reference Voltage Tolerance
Low (0.2Ω Typ.) Dynamic Output Impedance
Cathode Current Range(Continuous) – 100 ~ 150 mA
Equivalent Full Range Temperature Coefficient of
50PPM/℃
Temperature Compensated For Operation Over
Full Rate Operating Temperature Range
Low Output Noise Voltage
Fast Turn-on Response
TO-92, SOT-89 or SOT-23 3L Package
APPLICATION
Shunt Regulator
Precision High-Current Series Regulator
High-Current Shunt Regulator
Crowbar Circuit
PWM Converter With Reference
Voltage Monitor
Precision Current Limiter
DESCRIPSION
The TL431 is a three-terminal adjustable shunt regulator
with
specified
thermal
stability
over
applicable
temperature VREF (Approx. 2.5V) and 40V with two
external resistors. This device has a typical dynamic
output impedance of 0.2Ω. Active output circuitry provides
a very sharp turn-on characteristic, making this device
excellent replacement for zener diodes in many
applications. The TL431 is characterized for operation
from -40℃ to +125℃.
* Refer to the page 2 for detailed ordering Information,
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Cathode Voltage
VKA
-
42
V
Cathode Current Range(Continuous)
IK
-100
150
mA
Reference Input Current Range
IREF
-0.05
10
mA
Junction Temperature Range
TJ
-40
150
℃
Operating Temperature Range
TOPR
-40
125
℃
Storage Temperature Range
TSTG
-65
150
℃
T
O
P
TOP
TOP


Similar Part No. - TL431GASF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431G UTC-TL431G Datasheet
336Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Guangdong Youtai Semico...
TL431G UMW-TL431G Datasheet
2Mb / 12P
Adjustable Precision Shunt Regulator
logo
Unisonic Technologies
TL431G-AB3-R UTC-TL431G-AB3-R Datasheet
242Kb / 7P
PROGRAMMABLE PRECISION REFERENCE
TL431G-AB3-R UTC-TL431G-AB3-R Datasheet
273Kb / 7P
4PROGRAMMABLE PRECISION REFERENCE
TL431G-AB3-R UTC-TL431G-AB3-R Datasheet
336Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - TL431GASF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
Programmable Precision Shunt Regulator
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
Programmable Precision Shunt Regulator
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com