Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR2 Datasheet(PDF) 2 Page - Cree, Inc

Part # LMR2
Description  Cree® LED Module LMR2 with Cree TrueWhite® Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMR2 Datasheet(HTML) 2 Page - Cree, Inc

  LMR2 Datasheet HTML 1Page - Cree, Inc LMR2 Datasheet HTML 2Page - Cree, Inc LMR2 Datasheet HTML 3Page - Cree, Inc LMR2 Datasheet HTML 4Page - Cree, Inc LMR2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CLM-DS05 LMR2 Rev 1
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/modules
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo,
and TrueWhite are registered trademarks, and Cree TrueWhite and the Cree TrueWhite Technology logo are trademarks of Cree, Inc.
Characteristics
The following table provides several base order codes for the Cree LED module LMR2, as well as a description of the
order-code nomenclature.
CCT*
Nominal
Luminous
Flux (lm)
CRI
Input
Power
Input Volt-
age/Freq
Power
Factor
Order Code
4000 K
650
90
11 W
120 V/60 Hz
>.80
LMR020-0650-40F9-10100TW
230 V/50 Hz
>.90
LMR020-0650-40F9-20100TW
3500 K
650
90
11 W
120 V/60 Hz
>.80
LMR020-0650-35F9-10100TW
230 V/50 Hz
>.90
LMR020-0650-35F9-20100TW
3000 K
650
90
11 W
120 V/60 Hz
>.80
LMR020-0650-30F9-10100TW
230 V/50 Hz
>.90
LMR020-0650-30F9-20100TW
2700 K
650
90
11 W
120 V/60 Hz
>.80
LMR020-0650-27F9-10100TW
230 V/50 Hz
>.90
LMR020-0650-27F9-20100TW
* Refer to section below on chromaticity for more details
Note: Cree maintains a tolerance of +/- 7% on flux and power measurements
Thermal Management Guidelines
Acceptable ambient starting and operating temperatures of the Cree LED Module LMR2 are between 0° C and 50° C.
The lifetime and performance estimates described in this document require the T
C limit stated in this Thermal Manage-
ment Guidelines section is adhered to and only the modifications described in this document are implemented.
The LED module is flexible; use of the optional heat sink depends on the thermal path options available in your design
requirements. Secondary optics added to the module will reduce the light output and could also alter the color charac-
teristics of the final luminaire design.
The Cree LED module LMR2 is designed to perform in a variety of environments; however, the LED module lifetime is
highly dependent upon the T
C temperature. To achieve lifetime and performance estimates and to maintain the war-
ranty, the final design cannot exceed 70° C at thermal equilibrium, based on the thermocouple (T
C) location shown in
the Form Factor section below and tested in situ.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com