Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR2 Datasheet(PDF) 5 Page - Cree, Inc

Part # LMR2
Description  Cree® LED Module LMR2 with Cree TrueWhite® Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMR2 Datasheet(HTML) 5 Page - Cree, Inc

  LMR2 Datasheet HTML 1Page - Cree, Inc LMR2 Datasheet HTML 2Page - Cree, Inc LMR2 Datasheet HTML 3Page - Cree, Inc LMR2 Datasheet HTML 4Page - Cree, Inc LMR2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
CLM-DS05 LMR2 Rev 1
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/modules
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo,
and TrueWhite are registered trademarks, and Cree TrueWhite and the Cree TrueWhite Technology logo are trademarks of Cree, Inc.
Chromaticity
The Cree LED Module LMR2 provides high color consistency around the specified color temperature. Individual LEDs
are tested and matched in order to meet the designed chromaticity specification within a 4-step MacAdam ellipse
centered around the Black Body line at each color temperature (2700 K, 3000 K, 3500 K, 4000 K CCT)
Color Temp
Code
CCT
x
y
40F
4000 K
0.372191
0.373914
0.382239
0.370582
0.391542
0.385686
0.381333
0.389239
35F
3500 K
0.397411
0.385754
0.407367
0.382271
0.417418
0.397872
0.407308
0.401588
30F
3000 K
0.423550
0.396850
0.433384
0.393224
0.444206
0.409286
0.434226
0.413155
27F
2700 K
0.447255
0.403738
0.456921
0.400031
0.468390
0.416346
0.458587
0.420302
Order Codes
SSSSSS-LLLL-CCCC-NNNNNNN
Luminous flux
0650 = 650 lumens nominal
CRI
9 = 90+ CRI
Power supply
1 = 120 volt
2 = 230 volt
Color temp
27F = 2700 K CCT
Form factor
020 = approximately 2-inch diameter
Series
LMR = LED Module Round
Internal code
TW = TrueWhite



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com