Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC451LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC451LP3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC451LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 4
Absolute Maximum Ratings
Drain Bias Voltage (Vdd
1 = Vdd2)
+5.5V
rf input power (rfin)(Vdd = +5Vdc)
+10 dBm
Channel Temperature
150 °C
Continuous pdiss (T = 85 °C)
(derate 12.8 mw/°C above 85 °C)
0.83 w
Thermal resistance
(channel to ground paddle)
78 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
Vdd
1 = Vdd2 (V)
idd
1 + idd2 (mA)
+4.5
120
+5.0
122
+5.5
124
note: Amplifier will operate over full voltage range shown above
Typical Supply Current vs. Vdd
1 = Vdd2
eleCTrosTATiC sensiTiVe DeViCe
oBserVe HAnDlinG preCAUTions
HMC451LP3 / 451LP3E
v00.0808
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 18 GHz
Outline Drawing
noTes:
1. leADfrAme mATeriAl: Copper AlloY
2. Dimensions Are in inCHes [millimeTers]
3. leAD spACinG TolerAnCe is non-CUmUlATiVe
4. pAD BUrr lenGTH sHAll Be 0.15mm mAXimUm.
pAD BUrr HeiGHT sHAll Be 0.05mm mAXimUm.
5. pACKAGe wArp sHAll noT eXCeeD 0.05mm.
6. All GroUnD leADs AnD GroUnD pADDle mUsT Be
solDereD To pCB rf GroUnD.
7. refer To HiTTiTe AppliCATion noTe for sUGGesTeD
lAnD pATTern.
part number
package Body material
lead finish
msl rating
package marking [3]
HmC451lp3
low stress injection molded plastic
sn/pb solder
msl1
[1]
451
XXXX
HmC451lp3e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
451
XXXX
[1] max peak reflow temperature of 235 °C
[2] max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com