Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC451LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC451LP3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC451LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 1
HMC451LP3 / 451LP3E
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 18 GHz
v00.0808
General Description
Features
Functional Diagram
The HmC451lp3(e) is an efficient GaAs pHemT
mmiC medium power Amplifier housed in a leadless
roHs compliant smT package. operating between
5 and 18 GHz, the amplifier provides 18 dB of gain,
+21 dBm of saturated power and 18% pAe from a
single +5V supply. This 50 ohm matched amplifier
does not require any external components and the
rf i/o’s are DC blocked, making it an ideal linear
gain block or lo driver for HmC mixers. The
HmC451lp3(e) eliminates the need for wire bonding,
and allows the use of surface mount manufacturing
techniques.
Gain: 18 dB
saturated power: +21 dBm @ 18% pAe
output ip3: +28 dBm
single supply: +5V @ 120 mA
50 ohm matched input/output
16 lead 3x3mm smT package: 9mm²
Electrical Specifications, T
A = +25° C, Vdd1 = Vdd2 = +5V
Typical Applications
The HmC451lp3(e) is ideal for:
• microwave radio & VsAT
• military & space
• Test equipment & sensors
• fiber optics
• lo Driver for HmC mixers
parameter
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
5 - 16
16 - 18
GHz
Gain
15
18
12.5
16
dB
Gain Variation over Temperature
0.02
0.03
0.02
0.03
dB/ °C
input return loss
13
13
dB
output return loss
12
8
dB
output power for 1 dB
Compression (p1dB)
16.5
19.5
16
19
dBm
saturated output power (psat)
21
20
dBm
output Third order intercept (ip3)
28
25
dBm
noise figure
7
7
dB
supply Current (idd)
120
150
120
150
mA


Similar Part No. - HMC451LP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HmC451lp3e AD-HmC451lp3e Datasheet
310Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
More results

Similar Description - HMC451LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451 HITTITE-HMC451_09 Datasheet
273Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3_08 Datasheet
240Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com