Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBW2 Datasheet(PDF) 1 Page - E-SWITCH

Part # RBW2
Description  RBW2 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RBW2 Datasheet(HTML) 1 Page - E-SWITCH

  RBW2 Datasheet HTML 1Page - E-SWITCH RBW2 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
RoHS
1
Medical Equipment
White Goods
RBW2 SERIES
FEATURES & BENEFITS
Floor Care Appliances
Commercial Appliances
Electrical Housewares
APPLICATIONS / MARKETS
Industrial Controls
RBW2
A -
Off-On (DPST)
*B -
On-On (DPDT)
BLK -
Black
WHT -
White
RED -
Red
RIL -
Red Full Illum.
GIL -
Green Full Illum.
YIL -
Yellow Full Illum.
BIL -
Blue Full Illum.
BLK -
Black
WHT -
White
A -
Dot
D -
I/II Vertical
F -
I/O Vertical
G -
I/O Horizontal
I -
On/Off Vertical
E -
No Marking
F -
6.3mm Tab
0 -
No Lamp
1 -
125VAC Neon
2 -
250VAC Neon
3 -
12VDC Incandescent
Series
Circuit
Actuator Color
Body Color
Marking
Termination
Lamp Voltage
Electrical Rating:
16(16)A 125VAC 5E4 T85 [cURus]
1/3HP 125VAC IP66 [cURus]
10(10)A 250VAC 5E4 T85 [VDE]
Electrical Life:
50,000 Cylces
Mechanical Life:
50,000 Cycles
Contact Resistance:
<30mΩ Max.
Insulation Resistance:
500MΩ Min. at 500VDC
Dielectric Strength:
1000VAC for 1 Minute
Operating Temperature:
-20°C to 85°C Min.
Ingress Protection:
IP66
Panel Cutout:
22mm x 30mm
Function:
DPST, Off-On
DPDT, On-On
Specifications subject to change without notice
SPECIFICATIONS
PART NUMBER CONFIGURATOR
• Full illumination options available
• Approved under new UL 61058-1 rating
• UL approved up to 1/3HP
• Internally sealed to an IP66 rating using patented
technology (Patent No.: US 7,872,205 B2)
* Not available with illumination


Similar Part No. - RBW2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RBW2ABLKBLKFF0 E-SWITCH-RBW2ABLKBLKFF0 Datasheet
165Kb / 1P
E-SWITCH RBW2ABLKBLKFF0
RBW2ABLKGILEF1 E-SWITCH-RBW2ABLKGILEF1 Datasheet
163Kb / 1P
E-SWITCH RBW2ABLKGILEF1
RBW2ABLKREDIF0 E-SWITCH-RBW2ABLKREDIF0 Datasheet
167Kb / 1P
E-SWITCH RBW2ABLKREDIF0
RBW2ABLKRILEF1 E-SWITCH-RBW2ABLKRILEF1 Datasheet
162Kb / 1P
E-SWITCH RBW2ABLKRILEF1
More results

Similar Description - RBW2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com