Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBW2 Datasheet(PDF) 2 Page - E-SWITCH

Part # RBW2
Description  RBW2 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RBW2 Datasheet(HTML) 2 Page - E-SWITCH

  RBW2 Datasheet HTML 1Page - E-SWITCH RBW2 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
800.867.2717
RBW2 SERIES
222222222222
BODY DIMENSIONS
MARKINGS
DPST NON-ILLUMINATED SCHEMATIC
2
5
14
Non-Illuminated
OFF
ON
N/A
2-1, 5-4
POS. 1
POS. 2
DPDT NON-ILLUMINATED SCHEMATIC
2
5
14
Non-Illuminated
36
ON
ON
2-3, 5-6
2-1, 5-4
POS. 1
POS. 2
DPST ILLUMINATED SCHEMATIC
Illuminated
5
1
2
4
L
OFF
ON
N/A
2-1, 5-4
POS. 1
POS. 2
PANEL CUTOUT
PANEL THICKNESS
X
1.2-1.8
1.8-2.4
2.4-3.0
29.9/30.0
30.3/30.4
30.7/30.8
X
22.3±0.1
5
46
63
19.00
[.748 in]
11.00
[.433 in]
6.30
[.248 in]
10.00
[.394 in]
29.00
[1.142 in]
2.00
[.079 in]
11.00
[.433 in]
22.00
[.866 in]
.80
[.031 in]
25.00
[.984 in]
32.00
[1.260 in]
25.00
[.984 in]
28.00
[1.102 in]
32.00
[1.260 in]
21.50
[.846 in]
8.80 ± .50
.346 ± .020 in
[]
27.00
[1.063 in]
22.10
[.870 in]
POS
1
POS
2
ON
OFF
AD
FG
I
E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com