Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS951702
Description  PIII??System Clock Chip for DDR SDRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS951702 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS951702 Datasheet HTML 1Page - Integrated Device Technology ICS951702 Datasheet HTML 2Page - Integrated Device Technology ICS951702 Datasheet HTML 3Page - Integrated Device Technology ICS951702 Datasheet HTML 4Page - Integrated Device Technology ICS951702 Datasheet HTML 5Page - Integrated Device Technology ICS951702 Datasheet HTML 6Page - Integrated Device Technology ICS951702 Datasheet HTML 7Page - Integrated Device Technology ICS951702 Datasheet HTML 8Page - Integrated Device Technology ICS951702 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ICS951702
Advance Information
0664—07/29/02
General Description
The ICS951702 is a main clock synthesizer chip for PIII based systems with ALI 1644 style chipset. This provides all
clocks required for such a system.
Spread spectrum may be enabled through I
2C programming. Spread spectrum typically reduces system EMI by 8dB
to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS951702
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and
temperature variations.
Serial programming I
2C interface allows changing functions, stop clock programming and frequency selection.
Mode Pin - Power Management Input Control
Power Groups
AVDD = PLL Core & Xtal
VDD48 = 48MHz, PLL2
VDDL, VDD = Digital
E
T
A
T
S4
2
n
i
P5
2
n
i
P6
2
n
i
P
0
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
#
P
O
T
S
_
U
P
C
)
t
u
p
n
I
(
#
D
P
)
t
u
p
n
I
(
1
4
K
L
C
I
C
P
)
e
v
i
t
c
A
,
t
u
p
t
u
O
(
s
K
L
C
U
P
C
)
e
v
i
t
c
A
,
t
u
p
t
u
O
(
e
v
i
t
c
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com