Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951702 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS951702
Description  PIII??System Clock Chip for DDR SDRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS951702 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS951702 Datasheet HTML 1Page - Integrated Device Technology ICS951702 Datasheet HTML 2Page - Integrated Device Technology ICS951702 Datasheet HTML 3Page - Integrated Device Technology ICS951702 Datasheet HTML 4Page - Integrated Device Technology ICS951702 Datasheet HTML 5Page - Integrated Device Technology ICS951702 Datasheet HTML 6Page - Integrated Device Technology ICS951702 Datasheet HTML 7Page - Integrated Device Technology ICS951702 Datasheet HTML 8Page - Integrated Device Technology ICS951702 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
ICS951702
Advance Information
0664—07/29/02
Block Diagram
Functionality
Pin Configuration
56-Pin 240 mil TSSOP
Recommended Application:
1644 and 1644T applications using DDR
Output Features:
7 - Differential pairs DDR SDRAM clocks
3 - CPU @ 2.5V (1 - Free running)
8 - PCI @ 3.3V (1 - Free running and 1 - 2 X optional)
2 - AGP @ 3.3V
1 - IOAPIC @ 2.5V
1 - 48MHz, @3.3V
1 - REF @ 3.3V
Features:
Up to 147MHz frequency support
Power management through PD#
Spread spectrum for EMI control (0 to -0.5% down
spread, ± 0.25% center spread).
Uses external 14.318MHz crystal
Skew Specifications:
CPU - CPU: <250ps
PCI - PCI: <500ps
SDRAM - SDRAM: <250ps
AGP - AGP: <250ps
PCI - AGP: <750ps
CPU - SDRAM: <750ps
CPU - PCI: <3ns
PIII™ System Clock Chip for DDR SDRAM
Notes:
* Internal Pull-up Resistor of 120K to VDD
** Internal Pull-down of 120K to GND
1. PCICLK6 is selectable 2X via I
2C
Note:
PCICLK = 33.33MHz
AGP = 66.66MHz
FS3
FS2
FS1
FS0
CPU
SDRAM
0
0
0
0
66.66
66.66
0
0
0
1
66.66
100.00
0
0
1
0
100.00
66.66
0
0
1
1
100.00
100.00
0
1
0
0
100.00
133.33
0
1
0
1
133.33
66.66
0
1
1
0
133.33
100.00
0
1
1
1
133.33
133.33
1
0
0
0
66.66
66.66
1
0
0
1
66.66
100.00
1
0
1
0
100.00
66.66
1
0
1
1
100.00
100.00
1
1
0
0
100.00
133.33
1
1
0
1
133.33
66.66
1
1
1
0
133.33
100.00
1
1
1
1
133.33
133.33
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
VDDL
IOAPIC
GND
X1
X2
AVDD
FS0/REF
VDD
PCICLK0
PCICLK1
PCICLK2
GND
VDD
**
**FS1/AGP0
AGP1
GND
**FS2/PCI_F
PCICLK3
PCICLK4
PCICLK5
GND
VDD
PCICLK6
*PCI_STOP#
*CPU_STOP#
*Vtt_PWRGD/PD#
VDD
**FS3/48MHz
1
VDDL
CPUCLK_F
CPUCLK0
CPUCLK1
GND
DDRT0
DDRC0
GND
VDDL
SCLK
SDATA
GND
DDRT1
DDRC1
DDRT2
DDRC2
VDDL
GND
DDRT3
DDRC3
DDRT4
DDRC4
GND
VDDL
DDRT5
DDRC5
DDRT6
DDRC6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Vtt_PWRGD/PD#
MODE
SDATA
SCLK
FS (3:0)
PLL2
PLL1
Spread
Spectrum
48MHz
CPUCLK (1:0)
IOAPIC
AGP (1:0)
2
2
X1
X2
XTAL
OSC
CPU
DIVDER
AGP
DIVDER
REF0
Control
Logic
Config.
Reg.
SDRAM
DIVDER
DDRC (6:0)
DDRT (6:0)
7
7
PCICLK (6:0)
5
PCICLK_F
PCI
DIVDER
Stop
Stop
CPUCLK_F


Similar Part No. - ICS951702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results

Similar Description - ICS951702

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-40 ICST-ICS9169C-40 Datasheet
328Kb / 6P
System Clock Chip
RevA072897
logo
Pericom Semiconductor C...
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Circuit Syst...
ICS950104 ICST-ICS950104 Datasheet
222Kb / 19P
Programmable System Clock Chip for PIII Processor
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
DDR SDRAM
logo
Rohm
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
Termination Regulators for DDR-SDRAM
logo
Renesas Technology Corp
ICS94258 RENESAS-ICS94258 Datasheet
353Kb / 20P
Programmable System Clock Chip for PIII Processor
12/19/01
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
System Clock Chip for ATI RS480
2019
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com