Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4236 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # C4236
Description  Switching Power Transistor(6A NPN)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

C4236 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  C4236 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd C4236 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
Case : MTO-3P
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
℃
Junction Temperature
Tj
150
℃
Collector to Base Voltage
VCBO
1200
V
Collector to Emitter Voltage
VCEO
800
V
Emitter to Base Voltage
VEBO
7V
Collector Current DC
IC
6A
Collector Current Peak
ICP
12
Base Current DC
IB
3
A
Base Current Peak
IBP
6
Total Transistor Dissipation
PT
Tc = 25℃
100
W
Mounting Torque
TOR
(Recommended torque : 0.5N・m)
0.8
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
IC = 0.2A
Min 800
V
Collector Cutoff Current
ICBO
At rated Voltage
Max 0.1
mA
ICEO
Max 0.1
Emitter Cutoff Current
IEBO
At rated Voltage
Max 0.1
mA
DC Current Gain
hFE
VCE = 5V, IC = 3A
Min 8
hFEL
VCE = 5V, IC = 1mA
Min 7
Collector to Emitter Saturation Voltage
VCE(sat)
IC = 3A
Max 1.0
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = 0.6A
Max 1.5
V
Thermal Resistance
θjc
Junction to case
Max 1.25
℃/W
Transition Frequency
fT
VCE = 10V, IC = 0.6A
TYP 8
MHz
Turn on Time
ton
IC = 3A
Max 0.5
Storage Time
ts
IB1 = 0.6A, IB2 = 1.2A
Max 3.5
μs
Fall Time
tf
RL = 85Ω, VBB2 = 4V
Max 0.3
HFX Series
Switching Power Transistor
6A NPN
2SC4236
(T6W80HFX)


Similar Part No. - C4236

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
C4236 ISC-C4236 Datasheet
305Kb / 4P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
C4236 SAVANTIC-C4236 Datasheet
125Kb / 3P
Silicon NPN Power Transistors
C4236 SAVANTIC-C4236 Datasheet
127Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - C4236

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC681 MOSPEC-2SC681 Datasheet
107Kb / 3P
POWER TRANSISTOR(6A,50W)
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
Power Transistor (120V, -6A)
logo
Shindengen Electric Mfg...
2SC4584 SHINDENGEN-2SC4584 Datasheet
441Kb / 10P
Switching Power Transistor(6A NPN)
2SC4941 SHINDENGEN-2SC4941 Datasheet
411Kb / 9P
Switching Power Transistor(6A NPN)
2SC5382 SHINDENGEN-2SC5382 Datasheet
475Kb / 10P
Switching Power Transistor(6A NPN)
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
logo
Cystech Electonics Corp...
TIP41CE3 CYSTEKEC-TIP41CE3 Datasheet
147Kb / 3P
6A NPN Epitaxial Planar Power Transistor
logo
Rohm
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
logo
Renesas Technology Corp
RJQ6008BDPM RENESAS-RJQ6008BDPM Datasheet
188Kb / 12P
600V - 6A - IGBT Power Switching
Nov.19.2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com