Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4580 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4580
Description  Switching Power Transistor(8A NPN)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4580 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4580 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4580 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
Case : ITO-3P
FX Series
Switching Power Transistor
8A NPN
2SC4580
(TP8W45FX)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
Junction Temperature
Tj
150
Collector to Base Voltage
VCBO
600
V
Collector to Emitter Voltage
VCEO
450
V
VCEX
VEB = 5V
600
Emitter to Base Voltage
VEBO
7V
Collector Current DC
IC
8A
Collector Current Peak
ICP
16
Base Current DC
IB
4
A
Base Current Peak
IBP
8
Total Transistor Dissipation
PT
Tc = 25℃
50
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
0.8
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
IC = 0.2A
Min 450
V
Collector Cutoff Current
ICBO
At rated Voltage
Max 0.1
mA
ICEO
Max 0.1
Emitter Cutoff Current
IEBO
At rated Voltage
Max 0.1
mA
DC Current Gain
hFE
VCE = 5V, IC = 4A
Min 10
hFEL
VCE = 5V, IC = 1mA
Min 5
Collector to Emitter Saturation Voltage
VCE(sat)
IC = 4A
Max 1.0
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = 0.8A
Max 1.5
V
Thermal Resistance
θjc
Junction to case
Max 2.5
℃/W
Transition Frequency
fT
VCE = 10V, IC = 0.8A
STD 20
MHz
Turn on Time
ton
IC = 4A
Max 0.5
Storage Time
ts
IB1 = 0.8A, IB2 = 1.6A
Max 2.0
μs
Fall Time
tf
RL = 37.5Ω, VBB2 = 4V
Max 0.2


Similar Part No. - 2SC4580

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4580 ISC-2SC4580 Datasheet
252Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC4580 NJSEMI-2SC4580 Datasheet
124Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4580

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4055 SHINDENGEN-2SC4055 Datasheet
523Kb / 12P
Switching Power Transistor(8A NPN)
2SC4056 SHINDENGEN-2SC4056 Datasheet
524Kb / 12P
Switching Power Transistor(8A NPN)
2SC4057 SHINDENGEN-2SC4057 Datasheet
513Kb / 12P
Switching Power Transistor(8A NPN)
2SC4664 SHINDENGEN-2SC4664 Datasheet
418Kb / 9P
Switching Power Transistor(8A NPN)
2SC4834 SHINDENGEN-2SC4834 Datasheet
428Kb / 9P
Switching Power Transistor(8A NPN)
2SD1024 SHINDENGEN-2SD1024 Datasheet
447Kb / 8P
Darlington Transistor(8A NPN)
2SD1025 SHINDENGEN-2SD1025 Datasheet
540Kb / 8P
Darlington Transistor(8A NPN)
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
POWER TRANSISTOR (-100V, -8A)
logo
Toshiba Semiconductor
2SC3886A TOSHIBA-2SC3886A Datasheet
62Kb / 1P
TRANSISTOR SILICON NPN / 1400V / 8A / 50W
logo
SeCoS Halbleitertechnol...
3DD13007 SECOS-3DD13007 Datasheet
151Kb / 2P
8A , 700V NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com