Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

486LP5E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 486LP5E
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

486LP5E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  486LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 259
Vdd (V)
Idd (mA)
+6.5
1330
+7.0
1300
+7.5
1285
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above. Vgg adjusted to achieve Idd= 1300 mA at +7V.
7
7.5
8
8.5
9
9.5
10
10.5
-10
-6
-2
2
6
10
14
18
INPUT POWER (dBm)
8 GHz
Max Pdiss @ +85C
Power Dissipation*
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, 2, 3, 4, 5)
+8V
Gate Bias Voltage (Vgg)
-2 to 0V
RF Input Power (RFIN)(Vdd = +7V)
+20 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 154 mW/°C above 85 °C)
10 W
Thermal Resistance
(channel to ground paddle)
6.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Outline Drawing
* Please refer to “Thermal Management for Surface Mount
Components” application note at www.hittite.com/
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC486LP5
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H486
XXXX
HMC486LP5E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H486
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
Package Information
HMC486LP5 / 486LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 7 - 9 GHz
v01.0705
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com