Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

486LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 486LP5E
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

486LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  486LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 256
HMC486LP5 / 486LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 7 - 9 GHz
v02.0110
General Description
Features
Functional Diagram
The HMC486LP5(E) is a high dynamic range GaAs
pHEMT MMIC 2 Watt Power Amplifier housed in a
leadless 5x5 mm surface mount packages. Operating
from 7 to 9 GHz, the amplifier provides 22 dB of gain,
+33 dBm of saturated power and 20% PAE from a
+7V supply voltage. Output IP3 is +40 dBm typical.
The RF I/Os are DC blocked and matched to
50 Ohms for ease of use. The HMC486LP5(E)
eliminate the need for wire bonding, allowing use of
surface mount manufacturing techniques.
Saturated Power: +33 dBm @ 20% PAE
Output IP3: +40 dBm
Gain: 22 dB
Supply: +7V @ 1300 mA
50 Ohm Matched Input/Output
32 Lead 5x5mm SMT Package: 25mm2
Electrical Specifications, T
A = +25° C, Vdd1, 2, 3, 4, 5 = +7V, Idd = 1300 mA*
Typical Applications
The HMC486LP5(E) is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment and Sensors
• Military End-Use
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
7 - 8
8 - 9
GHz
Gain
18
21
19
22
dB
Gain Variation Over Temperature
0.05
0.07
0.05
0.07
dB/ °C
Input Return Loss
12
17
dB
Output Return Loss
8
5
dB
Output Power for 1 dB Compression (P1dB)
29
32
28
31
dBm
Saturated Output Power (Psat)
33
32
dBm
Output Third Order Intercept (IP3)
41
38
dBm
Noise Figure
7.0
7.5
dB
Supply Current (Idd)(Vdd = +7V, Vgg = -0.3V Typ.)
1300
1300
mA
* Adjust Vgg between -2 to 0V to achieve Idd = 1300 mA typical.


Similar Part No. - 486LP5E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
486 ETC2-486 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
486 FRANCEJOINT-486 Datasheet
366Kb / 4P
WIPER SEALS
logo
TEKTRONIX, INC
486 KEITHLEY-486 Datasheet
93Kb / 2P
Picoammeter/Voltage Source
logo
Schurter Inc.
486-1061 SCHURTER-486-1061 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
486-1163 SCHURTER-486-1163 Datasheet
391Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot Knob, horizontal
More results

Similar Description - 486LP5E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC489LP5 ETC1-HMC489LP5 Datasheet
368Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5 Datasheet
374Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
Analog Devices
HMC487 AD-HMC487 Datasheet
1Mb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com