Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC489LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC489LP5
Description  SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC489LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC489LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 279
Power Dissipation*
7
7.5
8
8.5
9
9.5
10
10.5
-10 -8 -6 -4 -2
0246
8 10 12 14 16 18 20 22 24
INPUT POWER (dBm)
14 GHz
Max Pdiss @ +85C
Vdd (Vdc)
Idd (mA)
+6.5
1330
+7.0
1300
+7.5
1285
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above. Vgg adjusted to achieve Idd= 1300 mA at +7.0V.
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, 2, 3, 4, 5)
+8 Vdc
Gate Bias Voltage (Vgg)
-2.0 to 0 Vdc
RF Input Power (RFIN)(Vdd = +7.0 Vdc)
+28 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 154 mW/°C above 85 °C)
10 W
Thermal Resistance
(channel to ground paddle)
6.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Outline Drawing
* Refer to “Thermal Management for Surface Mount
Components” application note herein.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC489LP5
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H489
XXXX
HMC489LP5E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H489
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Package Information
HMC489LP5 / 489LP5E
SURFACE MOUNT PHEMT 1 WATT
POWER AMPLIFIER, 12 - 16 GHz
v01.0705
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com