Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC489LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC489LP5
Description  SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC489LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC489LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC489LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 278
Noise Figure vs. Temperature
Output IP3 vs. Temperature
Power Compression @ 15 GHz
Gain, Power & Output IP3
vs. Supply Voltage @ 15 GHz
Reverse Isolation vs. Temperature
10
15
20
25
30
35
40
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
32
34
36
6.5
7
7.5
Gain
P1dB
Psat
IP3
Vdd Supply Voltage (Vdc)
10
15
20
25
30
35
40
700
800
900
1000
1100
1200
1300
Gain
P1dB
Psat
Idd Supply Current (mA)
IP3
0
3
6
9
12
15
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-80
-60
-40
-20
0
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
6
12
18
24
30
36
-8
-4
0
4
8
12
16
20
24
Pout
Gain
PAE
INPUT POWER (dBm)
Gain, Power & OIP3
vs. Supply Current @ 15 GHz
HMC489LP5 / 489LP5E
SURFACE MOUNT PHEMT 1 WATT
POWER AMPLIFIER, 12 - 16 GHz
v01.0705



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com