Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC533LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC533LP4
Description  MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC533LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC533LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 150
HMC533LP4 / 533LP4E
MMIC VCO w/ DIVIDE-BY-16,
23.8 - 24.8 GHz
v00.0405
General Description
Features
Functional Diagram
The HMC533LP4 & HMC533LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs.
The HMC533LP4 & HMC533LP4E integrate resona-
tors, negative resistance devices, varactor diodes and
feature a divide-by-16 output. T he VCO’s phase noise
performance is excellent over temperature, shock, and
process due to the oscillator’s monolithic structure.
Power output is +12 dBm typical from a +5V supply
voltage. Prescaler function can be disabled to con-
serve current if not required. The voltage controlled
oscillator is packaged in a leadless QFN 4 x 4 mm
surface mount package.
Pout: +12 dBm
Phase Noise: -95 dBc/Hz @100 KHz Typ.
No External Resonator Needed
Single Supply: +5V @ 220 mA
24 Lead 4x4mm QFN Package: 9 mm2
Typical Applications
Low noise MMIC VCO w/Divide-by-16 for:
• VSAT Radio
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• Military End-Use
• Automotive Radar
Electrical Specifications, T
A = +25° C, Vcc1, Vcc2, Vcc3 = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
23.8 - 24.8
GHz
Power Output
RFOUT
RFOUT/16
+9
-7
+12
-4
+15
-1
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-95
dBc/Hz
Tune Voltage
Vtune
2
13
V
Supply Current
Icc
180
220
260
mA
Tune Port Leakage Current (Vtune= 13V)
10
μA
Output Return Loss
3dB
Harmonics/Subharmonics
1/2
3/2
26
37
dBc
dBc
Pulling (into a 2.0:1 VSWR)
13
MHz pp
Pushing @ Vtune= 5V
80
MHz/V
Frequency Drift Rate
2.3
MHz/°C


Similar Part No. - HMC533LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
logo
Analog Devices
HMC533LP4 AD-HMC533LP4 Datasheet
348Kb / 6P
MMIC VCO w/ DIVIDE-BY-16
logo
Hittite Microwave Corpo...
HMC533LP4E HITTITE-HMC533LP4E Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
logo
Analog Devices
HMC533LP4E AD-HMC533LP4E Datasheet
348Kb / 6P
MMIC VCO w/ DIVIDE-BY-16
More results

Similar Description - HMC533LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5 Datasheet
259Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC738LP4 HITTITE-HMC738LP4 Datasheet
457Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 20.9 - 23.9 GHz
HMC739LP4 HITTITE-HMC739LP4 Datasheet
511Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 23.8 - 26.8 GHz
logo
Analog Devices
HMC533LP4 AD-HMC533LP4 Datasheet
348Kb / 6P
MMIC VCO w/ DIVIDE-BY-16
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com