Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC533LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC533LP4
Description  MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC533LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC533LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC533LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 152
Absolute Maximum Ratings
Vcc1, Vcc2
5.5 V
Vtune
0 to 15V Max.
Junction Temperature
135 °C
Continuous Pdiss (T=85 °C)
(derate 28 mW/C above 85 °C
1.4 W
Thermal Resistance
36 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
200
5.0
220
5.25
240
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Divide-by-16 Frequency
vs. Tuning Voltage, Vcc= +5V
Divide-by-16 Output
Power vs. Tuning Voltage, Vcc= +5V
-10
-8
-6
-4
-2
0
0
123
456
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
1.375
1.437
1.5
1.562
1.625
0
123
456
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
SSB Phase Noise vs. Tuning Voltage
SSB Phase Noise @ Vtune= +5V
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
1
2
3456789
10
11
12
13
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
HMC533LP4 / 533LP4E
MMIC VCO w/ DIVIDE-BY-16,
23.8 - 24.8 GHz
v00.0405



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com