Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4980 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4980
Description  Switching Power Transistor(5A NPN)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4980 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4980 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4980 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4980 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4980 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4980 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4980 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4980 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4980 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Unit : mm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
HSV Series
Switching Power Transistor
OUTLINE DIMENSIONS
Case : ITO-220
5A NPN
2SC4980
(TP5S8)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Junction Temperature
Tj
150
℃
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
V
CEO
80
V
Emitter to Base Voltage
VEBO
7
V
Collector Current DC
I
C
5
A
Collector Current Peak
I
CP
10
A
Base Current DC
I
B
1.5
A
Base Current Peak
IBP
2
A
Total Transistor Dissipation
P
T
Tc = 25℃
25
W
Dielectric Strength
Vdis
Terminal to case, AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque : 0.3N・m)
0.5
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
V
CEO(sus)
IC = 0.05A
Min 80
V
Collector Cutoff Current
I
CBO
At rated Voltage
Max 0.1
mA
ICEO
Max 0.1
Emitter Cutoff Current
I
EBO
At rated Voltage
Max 0.1
mA
DC Current Gain
h
FE
V
CE = 2V, IC = 2.5A
Min 70
Collector to Emitter Saturation Voltage
VCE(sat)
I
C = 2.5A
Max 0.3
V
Base to Emitter Saturation Voltage
V
BE(sat)
IB = 0.13A
Max 1.2
V
Thermal Resistance
θjc
Junction to case
Max 5
℃/W
Transition Frequency
f
T
V
CE = 10V, IC = 0.5A
TYP 50
MHz
Turn on Time
ton
Max 0.3
I
C = 2.5A
Storage Time
ts
I
B1 = 0.25A, I B2 = 0.25A
Max 1.5
μs
R
L = 12Ω, VBB2 = 4V
Fall Time
tf
Max 0.2


Similar Part No. - 2SC4980

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4980 SAVANTIC-2SC4980 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4980 JMNIC-2SC4980 Datasheet
153Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4980 ISC-2SC4980 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4980 SAVANTIC-2SC4980 Datasheet
225Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4980 NJSEMI-2SC4980 Datasheet
131Kb / 2P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4980

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1679 SHINDENGEN-2SA1679 Datasheet
393Kb / 8P
Switching Power Transistor(-5A PNP)
2SA1795 SHINDENGEN-2SA1795 Datasheet
376Kb / 8P
Switching Power Transistor(-5A PNP)
2SA1877 SHINDENGEN-2SA1877 Datasheet
382Kb / 8P
Switching Power Transistor(-5A PNP)
2SA1878 SHINDENGEN-2SA1878 Datasheet
396Kb / 8P
Switching Power Transistor(-5A PNP)
2SC4053 SHINDENGEN-2SC4053 Datasheet
519Kb / 12P
Switching Power Transistor(5A NPN)
2SC4054 SHINDENGEN-2SC4054 Datasheet
497Kb / 12P
Switching Power Transistor(5A NPN)
2SC4663 SHINDENGEN-2SC4663 Datasheet
409Kb / 9P
Switching Power Transistor(5A NPN)
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
Switching Power Transistor(5A NPN)
2SC4979 SHINDENGEN-2SC4979 Datasheet
379Kb / 8P
Switching Power Transistor(5A NPN)
2SC5241 SHINDENGEN-2SC5241 Datasheet
508Kb / 12P
Switching Power Transistor(5A NPN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com