Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC535LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC535LP4
Description  PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC535LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC535LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 165
Output Power
vs. Tuning Voltage, Vcc1 = +5V
SSB Phase Noise @ Vtune = +5V
SSB Phase Noise vs. Tuning Voltage
Sensitivity vs. Tuning Voltage, Vcc1 = +5V
0
3
6
9
12
15
02468
10
12
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
0
100
200
300
400
500
600
02468
10
12
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
13
57
9
11
10 kHz offset
100 kHz offset
TUNING VOLTAGE (VOLTS)
Phase-Frequency Detector Performance Plots
SSB Phase Noise Performance
Pin = 0 dBm, T = 25°C
Error Voltage vs. Temperature
Pin = 0 dBm, Fin = 235 MHz
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
-p
-p/2
0
p/2
p
+25 C
+85 C
-40 C
PHASE DIFFERENCE (rad)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
OFFSET FREQUENCY (Hz)
VCO Performance Plots (continued)
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com