Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC535LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC535LP4
Description  PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC535LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC535LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC535LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 162
HMC535LP4 / 535LP4E
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz
v01.1009
General Description
Features
Functional Diagram
The HMC535LP4 & HMC535LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC PLOs.
The PLO’s phase noise performance is excellent
over temperature, shock, and process due to the
oscillator’s monolithic structure. Power output is
+9 dBm typical from a +5V supply voltage. All fun-
ctions (VCO, Op-Amp, PFD, Prescaler) are fully
integrated while providing allowances for off-chip
customer specific loop components. The PLO MMIC
accepts a single-ended or a differential reference
oscillator input signal in the range of 230 to 240 MHz,
and a digital Lock Detector (LD) output is provided
to confirm the status of the loop. The phase-locked
oscillator is packaged in a leadless QFN 4 x 4 mm
surface mount package.
Pout: +9 dBm
Phase Noise: -110 dBc/Hz @100 KHz Typ.
Single Supply: +5V @ 340 mA
+12V @ 28 mA
24 Lead 4x4mm QFN Package: 9 mm2
Typical Applications
Phase-Locked Oscillator for:
• VSAT Radio
• Point-to-Point & Point-to-Multi-Point Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Power Supplies:
VCO Voltage
VCO Current
Op-Amp Voltage
Op-Amp Current
Digital Voltage
Digital Current
Vcc1
Icc1
Vcc2
Icc2
Vcc3
Icc3
—
—
—
—
—
—
5
172
12
28
5
168
—
—
—
—
—
—
V
mA
V
mA
V
mA
PLO Characteristics:
RF Operating Freq.
RF Power
Reference Input Freq.
Reference Input Power
RF Phase Noise
Locking Time
Lock Detect Output
Locked
Unlocked
100 KHz offset
Loop BW = 1 MHz
14.7
6
229.69
0
—
—
—
0.7
—
9
—
5
-110
20
0.3
1.0
15.4
—
240.62
10
—
—
0.5
—
GHz
dBm
MHz
dBm
dBc/Hz
μs
V
ave
V
ave


Similar Part No. - HMC535LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC535LP4 HITTITE-HMC535LP4 Datasheet
652Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
logo
Analog Devices
HMC535LP4 AD-HMC535LP4 Datasheet
614Kb / 10P
PHASE-LOCKED OSCILLATOR
logo
Hittite Microwave Corpo...
HMC535LP4E HITTITE-HMC535LP4E Datasheet
652Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
More results

Similar Description - HMC535LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC535LP4 HITTITE-HMC535LP4 Datasheet
652Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
Pasternack Enterprises,...
PE19XC7001 PASTERNACK-PE19XC7001_V01 Datasheet
467Kb / 5P
1 GHz Phase Locked Oscillator
PE19XC7002 PASTERNACK-PE19XC7002_V01 Datasheet
467Kb / 5P
2 GHz Phase Locked Oscillator
PE19XC7003 PASTERNACK-PE19XC7003_V01 Datasheet
308Kb / 3P
4 GHz Phase Locked Oscillator
PE19XC7004 PASTERNACK-PE19XC7004_V01 Datasheet
464Kb / 5P
6 GHz Phase Locked Oscillator
PE19XC7006 PASTERNACK-PE19XC7006_V01 Datasheet
468Kb / 5P
1 GHz Phase Locked Oscillator
PE19XC7007 PASTERNACK-PE19XC7007_V01 Datasheet
467Kb / 5P
2 GHz Phase Locked Oscillator
PE19XC7008 PASTERNACK-PE19XC7008_V01 Datasheet
466Kb / 5P
4 GHz Phase Locked Oscillator
PE19XC7009 PASTERNACK-PE19XC7009_V01 Datasheet
466Kb / 5P
6 GHz Phase Locked Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com