Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC536LP2 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC536LP2
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC536LP2 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC536LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 144
HMC536LP2 / 536LP2E
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz
v02.0409
General Description
Features
Functional Diagram
Input P0.1dB: +33 dBm @ +5V
Insertion Loss: 0.6 dB
Positive Control: +3V or +5V
Isolation: 27 dB
2x2 mm Leadless DFN SMT Package, 4 mm2
Typical Applications
The HMC536LP2(E) is ideal for:
• Cellular/PCS/3G Infrastructure
• WiMAX, WiBro & Fixed Wireless
• CATV/CMTS
• Test Instrumentation
The HMC536LP2(E) is a DC to 6 GHz GaAs MMIC T/R
switch in leadless 2x2 mm DFN LP2 surface mount
packages with an exposed ground paddle. The switch
is ideal for cellular, WiMAX, & WiBro access point
and subscriber applications featuring low 0.6 dB inser-
tion loss and high +54 dBm input IP3. Power handling
is excellent up through 6 GHz with the switch offering
a P0.1dB compression point of +29 dBm at +3V and
+33 dBm at +5V control.
On-chip circuitry allows
positive voltage control of 0/+3V or 0/+5V at very low
DC currents.
The HMC536LP2(E) occupy only
4 mm2 and are ideal for applications where small size
is required.
Electrical Specifications, T
A = +25° C, Vctl =
0/+3 Vdc to +5 Vdc, 50 Ohm System
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 3.0 GHz
DC - 4.5 GHz
DC - 6.0 GHz
0.6
0.7
1.0
0.9
1.0
1.3
dB
dB
dB
Isolation (RFC to RF1/RF2)
DC - 4.0 GHz
4.0 - 5.0 GHz
5.0 - 6.0 GHz
23
26
24
27
30
29
dB
dB
dB
Return Loss
DC - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 6.0 GHz
20
20
12
dB
dB
dB
Input Power for 0.1 dB Compression
(Vctl = 3V)
(Vctl = 5V)
0.5 - 6.0 GHz
0.5 - 6.0 GHz
27
31
29
33
dBm
dBm
Input Third Order Intercept
(Vctl = 3V, 5V)
(Two-Tone Input Power = +7 dBm Each Tone)
0.5 - 1.0 GHz
1.0 - 3.0 GHz
3.0 - 6.0 GHz
54
52
49
dBm
dBm
dBm
Switching Speed
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 6.0 GHz
33
70
ns
ns


Similar Part No. - HMC536LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC536LP2E HITTITE-HMC536LP2E Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
logo
Analog Devices
HMC536LP2E AD-HMC536LP2E Datasheet
240Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results

Similar Description - HMC536LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC536MS8G HITTITE-HMC536MS8G_08 Datasheet
204Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com