Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC561LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC561LP3
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC561LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC561LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC561LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC561LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC561LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC561LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC561LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC561LP3 / 561LP3E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
Functional Diagram
Electrical Specifications, T
A = +25°C, Vdd = +5V, 5 dBm Drive Level
Typical Applications
The HMC561LP3E are suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
General Description
The HMC561LP3(E) is a x2 active broadband frequ-
ency multiplier utilizing GaAs PHEMT technology
in a leadless RoHS compliant SMT package. When
driven by a +5 dBm signal, the multiplier provides
+14 dBm typical output power from 8 to 21 GHz and
the Fo and 3Fo isolations are 15 dBc at 16 GHz. The
HMC561LP3(E) is ideal for use in LO multiplier chains
for Pt to Pt & VSAT Radios yielding reduced parts
count vs. traditional approaches. The low additive
SSB Phase Noise of -139 dBc/Hz at 100 kHz offset
helps maintain good system noise performance. The
RoHS packaged HMC561LP3(E) eliminates the need
for wire bonding, and allows the use of surface mount
manufacturing techniques. For availability on Non-
RoHS compliant HMC561LP3 product please contact
Hittite Microwave sales directly.
Features
High Output Power: +14 dBm
Low Input Power Drive: 0 to +6 dBm
Fo Isolation: 15 dBc @ Fout= 16 GHz
100 KHz SSB Phase Noise: -139 dBc/Hz
RoHS Compliant 3x3 mm SMT Package
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
4 - 10.5
GHz
Frequency Range, Output
8 - 21
GHz
Output Power
11
14
dBm
Fo Isolation (with respect to output level)
15
dBc
3Fo Isolation (with respect to output level)
15
dBc
4Fo Isolation (with respect to output level)
20
dBc
Input Return Loss
16
dB
Output Return Loss
8dB
SSB Phase Noise (100 kHz Offset)
-139
dBc/Hz
Supply Current (Idd) (Vdd = 5V, Vgg = -1.7V Typ.)
98
mA
*Adjust Vgg between -2.0 and -1.2V to achieve Idd = 98 mA
v01.0407


Similar Part No. - HMC561LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561LP3 HITTITE-HMC561LP3 Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
RoHS Compliant 3x3 mm SMT Package
logo
Hittite Microwave Corpo...
HMC561LP3E HITTITE-HMC561LP3E Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
logo
Analog Devices
HMC561LP3E AD-HMC561LP3E Datasheet
365Kb / 6P
RoHS Compliant 3x3 mm SMT Package
More results

Similar Description - HMC561LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC561LP3 HITTITE-HMC561LP3 Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561 HITTITE-HMC561 Datasheet
354Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B Datasheet
259Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC-C056 HITTITE-HMC-C056 Datasheet
229Kb / 4P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 8 - 21 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B_09 Datasheet
224Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC561 HITTITE-HMC561_09 Datasheet
280Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B_09 Datasheet
215Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B_09 Datasheet
209Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com