Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC591LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC591LP5
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC591LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC591LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 302
HMC591LP5 / 591LP5E
v02.0107
General Description
Features
Functional Diagram
The HMC591LP5 & HMC591LP5E are high dynamic
range GaAs PHEMT MMIC 2 Watt Power Amplifiers
which operate from 6 to 9.5 GHz. The amplifier
provides 18 dB of gain, +33 dBm of saturated power,
and 19% PAE from a +7V supply. This 50 Ohm mat-
ched
amplifier
does
not
require
any
external
components and the RF I/Os are DC blocked for
robust operation. For applications which require
optimum OIP3, Idd should be set for 940 mA, to
yield +41 dBm OIP3. For applications which require
optimum output P1dB, Idd should be set for 1340 mA,
to yield +33 dBm Output P1dB.
Saturated Output Power: +33 dBm @ 20% PAE
Output IP3: +41 dBm
Gain: 18 dB
DC Supply: +7.V @ 1340 mA
50 Ohm Matched Input/Output
QFN Leadless SMT Packages, 25 mm2
Electrical Specifications, T
A = +25° C, Vdd = +7V, Idd = 1340 mA
[1]
Typical Applications
The HMC591LP5 / HMC591LP5E is ideal for use as a
power amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment & Sensors
• Military End-Use
• Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
6 - 8
6 - 9.5
GHz
Gain
16
19
15
18
dB
Gain Variation Over Temperature
0.05
0.05
dB/ °C
Input Return Loss
14
12
dB
Output Return Loss
12
10
dB
Output Power for 1 dB
Compression (P1dB)
30
32
30
33
dBm
Saturated Output Power (Psat)
32.5
33
dBm
Output Third Order Intercept (IP3)[2]
41
41
dBm
Supply Current (Idd)
1340
1340
mA
[1] Adjust Vgg between -2 to 0V to achieve Idd= 1340 mA typical.
[2] Measurement taken at 7V @ 940mA, Pin/Tone = -15 dBm
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6.0 - 9.5 GHz


Similar Part No. - HMC591LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC591LP5E HITTITE-HMC591LP5E Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Analog Devices
HMC591LP5E AD-HMC591LP5E Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
More results

Similar Description - HMC591LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590 Datasheet
377Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591 HITTITE-HMC591 Datasheet
390Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
414Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com