Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC593LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC593LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC593LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 190
HMC593LP3 / 593LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
v03.0309
General Description
Features
Functional Diagram
The HMC593LP3(E) is a versatile, high dynamic
range
GaAs
MMIC
Low
Noise
Amplifier
that
integrates a low loss LNA bypass mode on the IC.
The amplifier is ideal for WiBro & WiMAX receivers
operating between 3.3 and 3.8 GHz and provides
1.2 dB noise figure, 19 dB of gain and +29 dBm IP3
from a single supply of +5V @ 40mA. Input and output
return losses are 23 and 13 dB respectively with no
external matching components required. A single
control line (0/Vdd) is used to switch between LNA
mode and a low 2 dB loss bypass mode reducing the
current consumption to 10 μA.
Noise Figure: 1.2 dB
Output IP3: +29 dBm
Gain: 19 dB
Low Loss LNA Bypass Path
Single Supply: +3V or +5V
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC593LP3(E) is ideal for:
• Wireless Infrastructure
• Fixed Wireless
• WiMAX WiBro / 4G
• Tower Mounted Amplifiers
Parameter
Vdd = +3V
Vdd = +5V
LNA Mode
Bypass Mode
LNA Mode
Bypass Mode
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
3.3 - 3.8
GHz
Gain
14
17
-3
-2
16
19
-3
-2
dB
Gain Variation Over Temperature
0.011
0.002
0.011
0.002
dB / °C
Noise Figure
1.4
1.8
1.2
1.6
dB
Input Return Loss
23
30
23
30
dB
Output Return Loss
12
25
13
25
dB
Reverse Isolation
39
36
dB
Power for 1dB Compression (P1dB)*
10
13
30
13
16
30
dBm
Saturated Output Power (Psat)
13.5
17
dBm
Third Order Intercept (IP3)*
(-20 dBm Input Power per tone,
1 MHz tone spacing)
22
29
dBm
Supply Current (Idd)
20
25
0.01
40
50
0.01
mA
Switching
Speed
LNA Mode to Bypass Mode
428
428
ns
Bypass Mode to LNA Mode
343
343
ns
* P1dB and IP3 for LNA Mode are referenced to RFOUT while P1dB for Bypass Mode is referenced to RFIN.


Similar Part No. - HMC593LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC593LP3E HITTITE-HMC593LP3E Datasheet
335Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
More results

Similar Description - HMC593LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC491LP3 HITTITE-HMC491LP3_09 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com