Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC593LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC593LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC593LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 191
HMC593LP3 / 593LP3E
v03.0309
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
LNA Broadband Gain
& Return Loss @ Vdd= 3V
LNA Broadband Gain
& Return Loss @ Vdd= 5V
LNA Gain vs. Temperature
LNA Gain vs. Vdd
LNA Noise Figure vs. Temperature
LNA Noise Figure vs. Vdd
-40
-30
-20
-10
0
10
20
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S21
S11
S22
FREQUENCY (GHz)
14
15
16
17
18
19
20
21
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd = 5V
Vdd = 3V
12
13
14
15
16
17
18
19
20
3.3
3.4
3.5
3.6
3.7
3.8
+2.4V
+2.7V
+3.0V
+4.5V
+5.0V
+5.5V
FREQUENCY (GHz)
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
3.3
3.4
3.5
3.6
3.7
3.8
2.4V
2.7V
3.0V
4.5V
5.0V
5.5V
FREQUENCY (GHz)
0
0.5
1
1.5
2
2.5
3.3
3.4
3.5
3.6
3.7
3.8
Vdd=3V
Vdd=5V
FREQUENCY (GHz)
T=+85C
T=+25C
T=-40C
-40
-30
-20
-10
0
10
20
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S21
S11
S22
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com