Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC623LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC623LP4
Description  RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC623LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC623LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9
9 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC623LP4 / 623LP4E
v01.0708
RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
Output IP3 vs. Temperature
Output IP3 vs. LO Drive
Output IP2 vs. LO Drive
Output IP3 vs. IF Frequency
Output IP2 vs. Temperature
Output P1dB vs. Temperature
20
25
30
35
40
45
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
IF = 50 MHz
IF = 200 MHz
IF = 500 MHz
FREQUENCY (GHz)
20
25
30
35
40
45
50
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
20
25
30
35
40
45
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
20
25
30
35
40
45
50
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
25
30
35
40
45
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
15
16
17
18
19
20
21
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com