Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC623LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC623LP4
Description  RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC623LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC623LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC623LP4 / 623LP4E
RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
v01.0708
General Description
Features
Functional Diagram
the
Hmc623LP4e
is
a
highly
integrated
downconverter ic that operates from 1.8 to 2.7 GHz.
the Hmc623LP4e incorporates a high dynamic
range, single-balanced mixer core with integrated
rF, Lo and iF amplifiers, making it ideal for
compact transceiver applications in Gsm, wcDmA,
tD-scDmA, wiBro and wimAx. this versatile
converter rFic operates with a low Lo input
power level of only 0 dBm, provides up to 33 dB
conversion gain, and exhibits +39 dBm output iP3.
the integrated rF amplifier provides for an overall
noise figure of only 4 dB.
Low noise Figure: 4 dB
High output iP3: +39 dBm
Low input Lo Drive: 0 dBm
High Lo to rF isolation: 45 dB
High conversion Gain: 33 dB
24 Lead 4x4mm smt Package: 16mm2
Electrical Specifications, T
A = +25 °C, IF = 200 MHz, LO = 0 dBm, Vbias
[1]
= +5V [2]
Typical Applications
the Hmc623LP4 / Hmc623LP4e is ideal for:
• cellular/3G & Lte/wimAx/4G
• Base stations & repeaters
• wimAx & wiBro
• Broadband & Fixed wireless
• test & measurement equipment
Parameter
min.
typ.
max.
min.
typ.
max.
Units
Frequency range, rF
1.8 - 2.2
2.2 - 2.7
GHz
Frequency range, iF
50 - 650
50 - 650
mHz
Frequency range, Lo
1.6 - 2.0
2.0 - 2.5
GHz
conversion Gain
30
33
23
28
dB
noise Figure (ssB)
4
4
dB
Lo to rF isolation
39
45
31
38
dB
iP3 (output)
34
39
dBm
1 dB compression (output)
19
20
dBm
Lo Drive input Level (typical)
-3 to +3
-3 to +3
dBm
supply current (iBiAs)
250
310
245
310
mA
[1] see Application circuit
[2] Unless otherwise noted, all measurements performed as a downconverter with low side Lo & iF= 200 mHz


Similar Part No. - HMC623LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620 Datasheet
252Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
More results

Similar Description - HMC623LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
1.9 - 2.7 GHz Dual-Branch Downconverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC621LP4 HITTITE-HMC621LP4 Datasheet
703Kb / 8P
RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com