Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT331 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BT331
Description  700-2700 MHz 1.5~2.0W Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT331 Datasheet(HTML) 1 Page - BeRex Corporation

  BT331 Datasheet HTML 1Page - BeRex Corporation BT331 Datasheet HTML 2Page - BeRex Corporation BT331 Datasheet HTML 3Page - BeRex Corporation BT331 Datasheet HTML 4Page - BeRex Corporation BT331 Datasheet HTML 5Page - BeRex Corporation BT331 Datasheet HTML 6Page - BeRex Corporation BT331 Datasheet HTML 7Page - BeRex Corporation BT331 Datasheet HTML 8Page - BeRex Corporation BT331 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
700-2700 MHz 1.5~2.0W Power Amplifier
BT331
OIP3 = 51.0 dBm @ 1900 MHz
Gain = 19.5 dB @ 900 MHz
Output P1 dB = 33.3 dBm @ 1900 MHz
50 Ω Cascadable
Highly Reliable InGaP/GaAs HBT Technology
Lead-free/RoHS-compliant SOIC-8 SMT package
BeRex’s BT331 is a high power and a high
dynamic range amplifier in a low cost sur-
face mount package(SOIC-8) with a RoHS-
compliant, that incorporates reliable het-
erojunction-bipolar-transistor (HBT) de-
vices fabricated with InGaP GaAs technol-
ogy.
This device is designed for use where high
linearity is required and features high OIP3
and Power with low consumption current
(400mA) and requires a few external
matching components such as a DC block-
ing capacitors on the In/Output pin, a by-
pass capacitor and a RF choke for the out
port.
Product Description
Device Features
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 20 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Parameter
Frequency
Unit
1900
2140
2450
2600
MHz
900
Gain
14.0
13.0
12.0
12.1
dB
19.5
S11
-14.0
-15.0
-20.0
-19.0
dB
-16.0
S22
-11.0
-12.0
-10.0
-12.7
dB
-11.0
OIP3
2
51.0
51.0
50.0
47.0
dBm
50.0
P1dB
33.3
32.3
31.0
31.2
dBm
31.5
IS-95C ACPR
-
-
-
-
dBm
23.3
WCDMA ACLR
23.3
23.4
21.5
21.5
dBm
-
Noise Figure
5.0
5.0
5.3
5.4
dB
4.8
Min.
Typical
Max.
Unit
Bandwidth
700
2700
MHz
IC @ (Vc = 5V)
360
410
440
mA
VC
5.0
V
RTH
10.0
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+5.5
Supply Current
mA
900
Input RF Power
dBm
28
*Operation of this device above any of these parameters may result in permanent damage.
Application Circuits
*external matching circuit: refer to the page 4 to 16.
Rev. C
*ACPR CH Power is measured at 55dBc, ACLR CH Power _ measured at 50dBc.
*ACPR Test set-up: IS-95 CDMA, 9Ch. FWD, +885KHz offset, PAR 9.7dB at 0.01% Prob.
*ACLR Test set-up: 3GPP WCDMA, TM1+64DPCH, +5MHz offset, PAR 10.34 at 0.01% Prob.
RF Choke
RF In
RF Out
Vcc
BT331
DC
Block
Bypass
DC
Block
YY = Year, WW = Work week,
XX = Wafer Number
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications


Similar Part No. - BT331

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT331 BEREX-BT331 Datasheet
3Mb / 20P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331_16 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331_18 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
More results

Similar Description - BT331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
BeRex Corporation
BT331 BEREX-BT331 Datasheet
3Mb / 20P
700-2700 MHz 1.5~2.0W Power Amplifier
logo
Analog Devices
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
700 MHz to 2700 MHz Operating Frequency
logo
Analog Devices
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
logo
BeRex Corporation
BT331 BEREX-BT331_16 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331_18 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com