Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC697LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC697LP4
Description  SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC697LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC697LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 79
HMC697LP4 / 697LP4E
v01.0309
SiGe WIDEBAND DIRECT QUADRATURE
MODULATOR, 200 - 4000 MHz
Wideband Performance
vs. Frequency Over Supply Voltage
Output IP3, P1dB & Noise Floor
@ 20 MHz vs. Offset Frequency
Over Supply Voltage
Uncalibrated Carrier Feedthrough [1]
vs. Frequency Over LO Power
Calibrated Carrier Feedthrough [1]
vs. Frequency Over LO Power
Wideband Performance
vs. Frequency Over LO Power
Output IP3, P1dB & Noise Floor @ 20 MHz
Offset vs. Frequency Over LO Power
[1] See note titled “Calibrated vs. Uncalibrated test results” herein.
-10
-5
0
5
10
4.5V
5.0V
5.5V
-60
-45
-30
-15
0
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
SIDEBAND SUPPRESSION
OUTPUT POWER
-30
-20
-10
0
10
20
30
4.5V
5.0V
5.5V
-180
-170
-160
-150
-140
-130
-120
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
NOISE FLOOR
P1dB
IP3
SET-UP NOISE FLOOR
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
-6 dBm
0 dBm
+6 dBm
FREQUENCY (MHz)
-30
-20
-10
0
10
20
30
-6 dBm
0 dBm
+6 dBm
-180
-170
-160
-150
-140
-130
-120
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
NOISE FLOOR
OUTPUT P1dB
OUTPUT IP3
SET-UP NOISE FLOOR
-10
-5
0
5
10
-6 dBm
0 dBm
+6 dBm
-60
-45
-30
-15
0
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
SIDEBAND SUPPRESSION
OUTPUT POWER
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
-6 dBm
0 dBm
+6 dBm
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com