Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC697LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC697LP4
Description  SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC697LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC697LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 76
SiGe WIDEBAND DIRECT QUADRATURE
MODULATOR, 200 - 4000 MHz
v01.0309
HMC697LP4 / 697LP4E
General Description
Features
Functional Diagram
Typical Applications
Electrical Specifications, See Test Conditions on following page herein.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF
450 - 960
1700 - 2200
2200 - 2700
3400 - 4000
MHz
Output P1dB
+8
+8
+8
+7
dBm
Output Noise Floor
-167
-165
-165
-165
dBm/Hz
Output IP3
+23
+22
+22
+20
dBm
Output Power
2
4
1.5
3.5
1
3
0
2
dBm
Carrier Feedthrough (uncalibrated)
-38
-38
-40
-33
dBm
Sideband Suppression
(uncalibrated)
43
42
43
45
dBc
LO Port Return Loss
12
15
14
8
dB
RF Port Return Loss
25
17
15
16
dB
The HMC697LP4(E) is a low noise, high linearity Direct
Quadrature Modulator RFIC which is ideal for digital
modulation applications from 0.2 to 4.0 GHz including;
Cellular/3G, WiMAX/4G, Broadband Wireless Access
& ISM circuits. Housed in a compact 4x4 mm (LP4)
SMT QFN package, the RFIC requires minimal external
components & provides a low cost alternative to more
complicated double upconversion architectures. The
RF output port is single-ended and matched to 50
Ohms with no external components. The LO requires
-6 to +6 dBm and can be driven in either differential or
single-ended mode. This device is optimized for a +5V
supply, and offers improved carrier feedthrough and
sideband suppression characteristics.
Very Low Noise Floor, -165 dBm/Hz
Excellent Carrier & Sideband Suppression
Very High Linearity, +22 dBm OIP3
High Output Power, +9 dBm Output P1dB
High Modulation Accuracy
24 Lead 4x4 mm QFN Package: 16 mm2
The HMC697LP4(E) is Ideal for:
• UMTS, GSM or CDMA Basestations
• Fixed Wireless or WLL
• ISM Transceivers, 900 & 2400 MHz
• GMSK, QPSK, QAM, SSB Modulators
• Cellular/3G and WiMAX/4G


Similar Part No. - HMC697LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
logo
Analog Devices
HMC693 AD-HMC693 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
logo
Analog Devices
HMC694 AD-HMC694 Datasheet
466Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
More results

Similar Description - HMC697LP4

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
2500 - 4000 MHz Direct Quadrature Modulator
logo
Hittite Microwave Corpo...
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
2500 -4000 MHz Direct Quadrature Modulator
logo
Hittite Microwave Corpo...
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC795LP5E HITTITE-HMC795LP5E Datasheet
1Mb / 30P
SiGe Wideband Direct Quadrature Modulator w/ vga, 50 - 2800 MHz
logo
Analog Devices
HMC1097LP4E AD-HMC1097LP4E Datasheet
1Mb / 15P
WIDEBAND DIRECT QUADRATURE MODULATOR, 100 - 6000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com