Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC772LC4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
HMC772LC4
v01.0709
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 2 - 12 GHz
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
Output Psat vs. Temperature
Gain vs. Temperature
Output Return Loss vs. Temperature
Output P1dB vs. Temperature
10
12
14
16
18
20
1
3
5
7
9
11
13
15
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1
3
5
7
9
11
13
15
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
6
8
10
12
14
16
18
1
3
5
7
9
11
13
15
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
1
3
5
7
9
11
13
15
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1
3
5
7
9
11
13
15
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
6
8
10
12
14
16
18
1
3
5
7
9
11
13
15
+25 C
+85 C
- 40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com