Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC772LC4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC772LC4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
HMC772LC4
v01.0709
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 2 - 12 GHz
Power Compression @ 12 GHz
Gain, Noise Figure & Power vs.
Supply Voltage @ 12 GHz
Output IP3 vs. Temperature
Reverse Isolation vs. Temperature
18
20
22
24
26
28
30
1
3
5
7
9
11
13
15
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1
3
5
7
9
11
13
15
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-5
0
5
10
15
20
-20
-15
-10
-5
0
5
Pout
Gain
PAE
INPUT POWER (dBm)
0
3
6
9
12
15
18
21
24
0
1
2
3
4
5
6
7
8
3.5
4
4.5
Gain
P1dB
Noise Figure
Vdd (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com