Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20150CT Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MBRF20150CT
Description  20A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MBRF20150CT Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MBRF20150CT Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MBRF20150CT Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MBRF20150CT Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MBRF20150CT Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Number: DB-151
March 2010, Revision D
Page 1
TAK CHEONG
®
SEMICONDUCTOR
20A SCHOTTKY BARRIER DIODE
Full Pack High Voltage Schottky
Rectifier
Specification Features:
High Voltage Wide Range Selection, 100V, 150V & 200V
High Switching Speed Device
Low Forward Voltage Drop
Low Power Loss and High Efficiency
Guard Ring for Over-voltage Protection
High Surge Capability
RoHS Compliant
Matte Tin(Sn) Lead Finish
Terminal Leads Surface is Corrosion Resistant
and can withstand to 260°C Wave Soldering or
per MIL-STD-750, Method 2026.
DEVICE MARKING DIAGRAM
POLARITY CONFIGURATION
MAXIMUM RATINGS (Per Leg, unless otherwise specified )
Symbol
Parameter
MBRF20100CT
MBRF20150CT
MBRF20200CT
Units
VRRM
VRWM
VR
Maximum Repetitive Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Reverse Voltage
100
150
200
V
IF(AV)
Average Rectified Forward Current
Per Leg
Per Package
10
20
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3mS Single Phase @ Rated Load
150
A
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
+150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
THERMAL CHARACTERISTICS
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction-to-Case
2.0
°C/W
RθJA
Maximum Thermal Resistance, Junction-to-Ambient (per leg)
60
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode )
TA = 25°C unless otherwise noted
MBRF20100CT
MBRF20150CT
MBRF20200CT
Symbol
Parameter
Test Condition
(Note 1)
Min
Max
Min
Max
Min
Max
Units
IR
Reverse Current
@ rated VR
---
200
---
200
---
200
μA
VF
Forward Voltage
IF = 10A
IF = 20A
---
0.85
0.95
---
0.92
1.00
---
1.00
1.25
V
Note/s:
1. Tested under pulse condition of 300
μS.
1
2
3
TO-220FP
1. Anode
2. Cathode
3. Anode
L xxyy
Line 2
Line 3
Line 4
L = Tak Cheong Logo
xxyy = Monthly Date Code
Line 2 = MBRF
Line 3 = 20xxxCT
Line 4 = Polarity


Similar Part No. - MBRF20150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF20150CT TSC-MBRF20150CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20150CT TSC-MBRF20150CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBRF20150CT KEC-MBRF20150CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Diotech Company.
MBRF20150CT DIOTECH-MBRF20150CT Datasheet
871Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
MBRF20150CT KEC-MBRF20150CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRF20150CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2070CT DIODES-MBR2070CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
MBRB2070CT DIODES-MBRB2070CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
MBR2070CT DIODES-MBR2070CT_1 Datasheet
211Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR2060 TAK_CHEONG-TCMBR2060 Datasheet
71Kb / 2P
20A SCHOTTKY BARRIER DIODE High Current Schottky Rectifier
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBRF10100CT TAK_CHEONG-MBRF10100CT Datasheet
154Kb / 4P
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
MBR20100CT TAK_CHEONG-MBR20100CT Datasheet
169Kb / 4P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Formosa MS
MBRF10100CT FORMOSA-MBRF10100CT Datasheet
166Kb / 3P
Full Pack High Voltage Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com