Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 17Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
8
8 - 21
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Application Information
Introduction
The HMC993LP5E is a complete high performance Automatic Gain Control (AGC) solution, housing a Variable Gain
Amplifier (VGA) core and a control core in a single package. Its unique VVA technology provides constant OIP3 over
the entire control voltage range. The HMC993LP5E greatly simplifies the design of gain control loops by increasing
the integration level and reducing the number of required circuit elements. The VGA core of the HMC993LP5E is
composed of two identical voltage variable attenuators followed by two gain block amplifiers which operate from 0.7
to 3.0 GHz. The HMC993LP5E’s control core features a high accuracy log detector. As shown in the functional block
diagram, the HMC993LP5E combines all of these cores in a highly compact 5 x 5 mm plastic package, and offers an
easy-to-use, temperature stable AGC solution.
The HMC993LP5’s VGA core has a flexible structure where a single attenuator (22.2 dB at 1900 MHz) or two attenu-
ators (33.6 dB at 1900 MHz) can be used depending upon the dynamic range requirement. Inputs and outputs of
the HMC993LP5E’s attenuators and first amplifier (ATTIN1, ATTOUT1, ATTIN2, ATTOUT2, AMPIN1, AMPOUT1) are
broadband matched to 50 Ohm single-ended and require only external DC blocking capacitors over the entire fre-
quency band of operation. The input of the HMC993LP5E’s log detector (RFDETIN) is also broadband matched to 50
Ohm single-ended and does not require any matching components. Input and output of the HMC993LP5E’s second
amplifier (AMPIN2, AMPOUT2) need power matching components for key application frequencies. Refer to applica-
tion circuits for example application frequencies.
The HMC993LP5E requires a single 5V supply with adequate power supply decoupling as recommended in the appli-
cation schematics.
Figure 1a: The HMC993LP5E’s VGA configuration with 1 attenuator, 1900 MHz tune.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com