Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet (PDF) - Hittite Microwave Corporation

HMC993LP5E Datasheet PDF - Hittite Microwave Corporation
Part # HMC993LP5E
Download  HMC993LP5E Download
File Size   3404.66 Kbytes
Page   27 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz

HMC993LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC993LP5E Datasheet PDF - Hittite Microwave Corporation

Part # HMC993LP5E
Download  HMC993LP5E Click to download

File Size   3404.66 Kbytes
Page   27 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz

HMC993LP5E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E Datasheet
4Mb / 27P
RF AUTOMATIC GAIN CONTROLLER
HMC993LP5E HITTITE-HMC993LP5E_12 Datasheet
4Mb / 27P
RF AUTOMATIC GAIN CONTROLLER
More results


Similar Description - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
logo
Hittite Microwave Corpo...
HMC992LP5E HITTITE-HMC992LP5E Datasheet
1Mb / 22P
IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E_12 Datasheet
4Mb / 27P
RF AUTOMATIC GAIN CONTROLLER
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
SPDT RF Switch, 700 MHz?? GHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF2012090Y3T WALSIN-RFLPF2012090Y3T Datasheet
555Kb / 7P
500 ~ 700 MHz Band RF Applications
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com