Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # BXC
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

BXC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  BXC Datasheet HTML 1Page - RUBYCON CORPORATION BXC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXC
SERIES
BXC
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
160∼500V.DC
±20%
(20℃,
120Hz)
Rated Voltage
tanδ
0.15
160
0.15
200
0.15
250
0.20
350
0.20
400
0.20
450
0.24
500
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below,
the capacitors shall meet the following requirements.
※500WV:10000hrs
(20℃,
120Hz)
(120Hz)
Load Life : 105℃ 8000∼12000 hours.
◆FEATURES
・High Ripple Current.
・For Electronic Ballast.
・RoHS compliance.
Case
Size
8×11.5, 10×12.5
(hrs)
Life Time
8000
10×16, 10×20
10000
Rated Voltage
Z
(−25℃)
/Z
(20℃)
160 200 250 350 400
33366
450
6
500
6
◆PART NUMBER
□□□
Rated Voltage
BXC
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
M
Capacitance Tolerance
CV≦1000
CV>1000
I=0.1CV+40
μA (1minute)
I=0.03CV+15
μA (5minutes)
I=0.04CV+100
μA (1minute)
I=0.02CV+25
μA (5minutes)
φD≧12.5
12000
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
(Hz)
Frequency
Coefficient
120
1k
10k 100k≦
0.2
0.4
0.8
1.0
1∼5.6μF
6.8∼15μF
0.3
0.6
0.9
1.0
22∼82μF
0.4
0.7
0.9
1.0
100∼220μF 0.45 0.75
0.9
1.0
I=(μA)
  Leakage Current
C=(μF)
  Rated Capacitance
V=(V)
  Rated Voltage
◆OPTION
PET Sleeve
Code
EFC


Similar Part No. - BXC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC Datasheet
49Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Honeywell Solid State E...
BXC4L HONEYWELL-BXC4L Datasheet
1Mb / 8P
MICRO SWITCH BX/BX2 SERIES
logo
Bothhand USA, LP.
BXC60 BOTHHAND-BXC60 Datasheet
370Kb / 4P
Isolated DC-DC Converters
BXC60-24S2WHS BOTHHAND-BXC60-24S2WHS Datasheet
370Kb / 4P
Isolated DC-DC Converters
BXC60W BOTHHAND-BXC60W Datasheet
870Kb / 5P
Isolated DC-DC Converters
More results

Similar Description - BXC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com