Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # BXC
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

BXC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  BXC Datasheet HTML 1Page - RUBYCON CORPORATION BXC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
10
8
3.5
5.0
12.5 16
18
7.5
0.6
0.8
◆STANDARD SIZE
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 100kHz)
160(2C)
Size
Ripple
200(2D)
Size
Ripple
250(2E)
Size
Ripple
4.7
5.6
6.8
10
22
33
47
56
68
82
100
120
150
220
1
1.5
1.8
2.2
3.3
4.7
5.6
6.8
8.2
10×16
10×20
10×20
10×20
12.5×20
16×25
18×25
320
500
650
750
1180
1420
1890
2370
10×16
10×20
10×20
12.5×20
16×20
16×20
16×25
320
500
650
980
1300
1380
1420
1890
8×11.5
10×12.5
10×16
10×16
10×20
12.5×16
12.5×20
12.5×20
12.5×20
18×16
12.5×25
16×20
12.5×30
16×20
16×25
18×20
18×20
18×25
160
250
320
470
500
760
800
980
1080
960
1300
1500
1440
1530
1440
1500
1960
60
70
90
100
95
120
95
140
150
180
220
250
280
350
550
760
900
1180
1470
10×16
10×20
10×16
10×20
10×16
10×20
10×20
180
220
200
250
230
280
280
330
360
450
450
600
600
730
1200
730
980
780
400(2G)
Size
Ripple
450(2W)
Size
Ripple
500(2H)
Size
Ripple
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXC
WV
(V.DC)
Cap
(μF)
WV
(V.DC)
Cap
(μF)
350(2V)
Size
Ripple
10×12.5
10×12.5
10×16
10×20
12.5×20
16×20
16×20
18×25
18×25
10
15
22
33
47
68
150
180
280
350
650
900
1080
1470
1530
8×11.5
10×12.5
8×11.5
10×12.5
8×11.5
10×12.5
8×11.5
10×12.5
10×12.5
10×16
10×16
10×16
10×16
10×20
12.5×20
12.5×25
16×20
16×20
16×25
18×20
18×25
10×20
12.5×16
12.5×20
12.5×20
12.5×25
16×16
16×20
16×25
18×20
18×25
12.5×25
16×20
12.5×20
320
440
560
700
880
12.5×25
16×20
16×31.5
18×25
18×31.5
12.5×35
16×25
18×20
12.5×25
16×20
12.5×25
16×20
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com