Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040PFP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040PFP
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040PFP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB8040PFP Datasheet HTML 6Page - Texas Instruments TUSB8040PFP Datasheet HTML 7Page - Texas Instruments TUSB8040PFP Datasheet HTML 8Page - Texas Instruments TUSB8040PFP Datasheet HTML 9Page - Texas Instruments TUSB8040PFP Datasheet HTML 10Page - Texas Instruments TUSB8040PFP Datasheet HTML 11Page - Texas Instruments TUSB8040PFP Datasheet HTML 12Page - Texas Instruments TUSB8040PFP Datasheet HTML 13Page - Texas Instruments TUSB8040PFP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
2.1
Clock and Reset Signals
Table 2-1. Clock and Reset Signals
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
PFP
RKM
Global power reset. This reset brings all of the TUSB8040 internal registers to their
default states. When GRSTz is asserted, the device is completely nonfunctional.
GRSTz
I, PU
33
A18
GRSTz should be asserted a minimum of 3 ms after all power rails are valid at the
device.
Crystal input. This terminal is the crystal input for the internal oscillator. The input
XI
I
76
A49
may alternately be driven by the output of an external oscillator. When using a
crystal a 1-M
Ω feedback resistor is required between XI and XO.
Crystal output. This terminal is crystal output for the internal oscillator. If XI is
XO
O
74
A48
driven by an external oscillator this pin may be left unconnected. When using a
crystal a 1-M
Ω feedback resistor is required between XI and XO.
Oscillator return. If using a crystal, the load capacitors should use this signal as the
VSSOSC
I
75
B45
return path and it should not be connected to the PCB ground. If using an
oscillator, this terminal should be connected to PCB Ground.
2.2
USB Upstream Signals
Table 2-2. USB Upstream Signals
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
PFP
RKM
USB_SSTXP_UP
O
63
B39
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_UP
O
62
A42
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_UP
I
66
A44
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_UP
I
65
B40
USB SuperSpeed receiver differential pair (negative)
USB_DP_UP
I/O
70
A46
USB high-speed differential transceiver (positive)
USB_DM_UP
I/O
69
B42
USB high-speed differential transceiver (negative)
Precision resistor reference. A 9.09-K
Ω ±1% resistor should be connected between
USB_R1
PT
78
A50
USB_R1 and USB_R1RTN.
USB_R1RTN
PT
79
B47
Precision resistor reference return
USB upstream port power monitor. The VBUS detection requires a voltage divider.
USB_VBUS
I
73
B44
The signal USB_VBUS must be connected to VBUS through a 90.9-K
Ω ±1% resistor,
and to ground through a 10-K
Ω ±1% resistor from the signal to ground.
10
PIN DESCRIPTIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com