Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040PFP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040PFP
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040PFP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB8040PFP Datasheet HTML 7Page - Texas Instruments TUSB8040PFP Datasheet HTML 8Page - Texas Instruments TUSB8040PFP Datasheet HTML 9Page - Texas Instruments TUSB8040PFP Datasheet HTML 10Page - Texas Instruments TUSB8040PFP Datasheet HTML 11Page - Texas Instruments TUSB8040PFP Datasheet HTML 12Page - Texas Instruments TUSB8040PFP Datasheet HTML 13Page - Texas Instruments TUSB8040PFP Datasheet HTML 14Page - Texas Instruments TUSB8040PFP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TUSB8040
www.ti.com
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
2.3
USB Downstream Signals
Table 2-3. USB Downstream Signals
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
PFP
RKM
USB_SSTXP_DN0
O
8
B4
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN0
O
9
A4
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN0
I
6
B3
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN0
I
7
A3
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN0
I/O
2
B1
USB high-speed differential transceiver (positive)
USB_DM_DN0
I/O
3
A1
USB high-speed differential transceiver (negative)
USB port power on control for downstream power/battery charging enable.
The terminal is used for control of the downstream power switch; in addition, the
value of the terminal is sampled at the de-assertion of reset to determine the value
of the battery charger support for the port as indicated in the Battery Charger
Support register:
PWRON0z_BATEN0
I/O, PD
39
B19
0 = Battery charging not supported
1 = Battery charging supported
The TUSB8040PFP only supports ganged mode. This terminal provides the port
power control for all downstream ports. This terminal also determines the battery
charging support of all downstream ports.
USB downstream port over-current detection.
The TUSB8040PFP only supports ganged mode. This terminal receives the
over-current indication for all downstream ports.
0 = An overcurrent event has occurred
OVERCUR0z
I, PU
40
B21
1 = An overcurrent event has not occurred
This terminal should be pulled high using a 10-k
Ω resistor if power management is
not implemented. If power management is enabled, the external circuitry needed
should be determined by the power management device.
USB_SSTXP_DN1
O
55
B34
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN1
O
56
A37
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN1
I
53
B33
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN1
I
54
A36
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN1
I/O
60
B36
USB High-speed differential transceiver (positive)
USB_DM_DN1
I/O
59
A39
USB High-speed differential transceiver (negative)
USB Port 1 Power On Control for Downstream Power/Battery Charging Enable. The
terminal is used for control of the downstream power switch for Port 1. In addition,
the value of the terminal is sampled at the de-assertion of reset to determine the
value of the battery charger support for Port 1 as indicated in the Battery Charger
PWRON1z_BATEN1
I/O, PD
A21
Support register:
0 = Battery Charging Not Supported
1 = Battery Charging Supported
USB Port 1 Over-Current Detection.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
OVERCUR1z
I, PU
A23
This terminal should be pulled high using a 10K resistor if power management is
not implemented. If power management is enabled, the external circuitry needed
should be determined by the power switch.
USB_SSTXP_DN2
O
14
B7
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN2
O
15
A8
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN2
I
12
B6
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN2
I
13
A7
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN2
I/O
17
A9
USB High-speed differential transceiver (positive)
USB_DM_DN2
I/O
18
B9
USB High-speed differential transceiver (negative)
Copyright
© 2010–2011, Texas Instruments Incorporated
PIN DESCRIPTIONS
11
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com