Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 14Page - Texas Instruments TUSB8040 Datasheet HTML 15Page - Texas Instruments TUSB8040 Datasheet HTML 16Page - Texas Instruments TUSB8040 Datasheet HTML 17Page - Texas Instruments TUSB8040 Datasheet HTML 18Page - Texas Instruments TUSB8040 Datasheet HTML 19Page - Texas Instruments TUSB8040 Datasheet HTML 20Page - Texas Instruments TUSB8040 Datasheet HTML 21Page - Texas Instruments TUSB8040 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TUSB8040
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
•
x is the state of FULLPWRMGMTz_SMBA1 at reset, and
•
y indicates read (logic 1) or write (logic 0) access.
If the TUSB8040 is addressed by a host using an unsupported protocol it will not respond. The TUSB8040
will wait indefinitely for configuration by the SMBus host and will not connect on the upstream port until the
SMBus host indicates configuration is complete by clearing the CFG_ACTIVE bit.
For details on SMBus requirements refer to the System Management Bus Specification.
3.3
Configuration Registers
The internal configuration registers are accessed on byte boundaries. The configuration register values
are loaded with defaults but can be over-written when the TUSB8040 is in I2C or SMBus mode.
3.3.1
ROM Signature Register
Table 3-2. Register Offset 0h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-3. Bit Descriptions
– ROM Signature Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
ROM Signature Register. This register is used by the TUSB8040 in I2C mode to validate
the attached EEPROM has been programmed. The first byte of the EEPROM is compared
7:0
romSignature
RW
to the mask 55h and if not a match, the TUSB8040 aborts the EEPROM load and executes
with the register defaults.
3.3.2
Vendor ID LSB Register
Table 3-4. Register Offset 1h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
1
0
0
0
1
Table 3-5. Bit Descriptions
– Vendor ID LSB Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Vendor ID LSB. Least significant byte of the unique vendor ID assigned by the USB-IF; the
7:0
vendorIdLsb
RW
default value of this register is 51h representing the LSB of the TI Vendor ID 0451h. The
value may be over-written to indicate a customer Vendor ID.
3.3.3
Vendor ID MSB Register
Table 3-6. Register Offset 2h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
0
0
Table 3-7. Bit Descriptions
– Vendor ID MSB Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Vendor ID MSB. Most significant byte of the unique vendor ID assigned by the USB-IF; the
7:0
vendorIdMsb
RW
default value of this register is 04h representing the MSB of the TI Vendor ID 0451h. The
value may be over-written to indicate a customer Vendor ID.
18
FUNCTIONAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com