Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8040 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 17Page - Texas Instruments TUSB8040 Datasheet HTML 18Page - Texas Instruments TUSB8040 Datasheet HTML 19Page - Texas Instruments TUSB8040 Datasheet HTML 20Page - Texas Instruments TUSB8040 Datasheet HTML 21Page - Texas Instruments TUSB8040 Datasheet HTML 22Page - Texas Instruments TUSB8040 Datasheet HTML 23Page - Texas Instruments TUSB8040 Datasheet HTML 24Page - Texas Instruments TUSB8040 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TUSB8040
www.ti.com
SLLSE42F
– SEPTEMBER 2010 – REVISED OCTOBER 2011
3.3.8
Device Removable Configuration Register
Table 3-16. Register Offset 7h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-17. Bit Descriptions
– Device Removable Configuration Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
Removable. The bits in this field indicate whether a device attached to downstream ports 3
through 0 are removable or permanently attached. A value of 0 indicates the device
attached to the port is not removable. A value of 1 indicates the device attached to the port
is removable.
Each bit corresponds directly to a downstream port, i.e. rmbl0 corresponds to downstream
port 0.
For the TUSB8040PFP:
The default value for these bits are loaded at the de-assertion of reset with the value of
3:0
rmbl[3:0]
RW
Four-port hub - rmbl[3:0] defaults to 1111b.
For the TUSB8040RKM:
The default value for these bits are loaded at the de-assertion of reset with the value of
LEDA[3:0]z_RMBL[3:0]:
Four-port hub - rmbl[3:0] defaults to wxyzb,
where w is LEDA3z_RMBL3, x is LEDA2z_RMBL2, y is LEDA1z_RMBL1 and z is
LEDA0z_RMBL0.
When in I2C/SMBus mode the bits in this field corresponding to the enabled ports per
rmbl[3:0] may be over-written by EEPROM contents or by an SMBus host.
3.3.9
Port Used Configuration Register
Table 3-18. Register Offset 8h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-19. Bit Descriptions
– Port Used Configuration Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
Used. The bits in this field indicate whether downstream ports 3 through 0 are enabled or
disabled for use. A value of 0 indicates the port is not used. A value of 1 indicates the port
is used.
Each bit corresponds directly to a downstream port, i.e. used0 corresponds to downstream
port 0.
For the TUSB8040PFP:
The default value for these bits are loaded at the de-assertion of reset with the value of
Four-port hub - used[3:0] defaults to 1111b.
3:0
used3:0]
RW
For the TUSB8040RKM:
The default value for these bits are loaded at the de-assertion of reset with the value of
LEDG[3:0]z_USED[3:0]:
Four-port hub - used[3:0] defaults to wxyzb,
where w is LEDG3z_USED3, x is LEDG2z_USED2, y is LEDG1z_USED1 and z is
LEDG0z_USED0.
When in I2C/SMBus mode the bits in this field corresponding to the enabled ports per
used[3:0] may be over-written by EEPROM contents or by an SMBus host.
Copyright
© 2010–2011, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
21
Submit Documentation Feedback
Product Folder Link(s): TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com