Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 9Page - Gennum Corporation GS9062 Datasheet HTML 10Page - Gennum Corporation GS9062 Datasheet HTML 11Page - Gennum Corporation GS9062 Datasheet HTML 12Page - Gennum Corporation GS9062 Datasheet HTML 13Page - Gennum Corporation GS9062 Datasheet HTML 14Page - Gennum Corporation GS9062 Datasheet HTML 15Page - Gennum Corporation GS9062 Datasheet HTML 16Page - Gennum Corporation GS9062 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
13 of 46
2.3 AC Electrical Characteristics
Digital I/O
Input Logic LOW
VIL
––
–
0.8
V
1
–
Input Logic HIGH
VIH
–2.1
–
–
V
1
–
Output Logic LOW
VOL
8mA
–
0.2
0.4
V
1
–
Output Logic HIGH
VOH
8mA
IO_VDD - 0.4
–
–
V
1
–
Input
RSET Voltage
VRSET
RSET=281
Ω
0.54
0.6
0.66
V
1
2
Output
Output Common Mode Voltage
VCMOUT
75
Ω load,
RSET=281
Ω
0.8
1.0
1.2
V
1
–
TEST LEVELS
1. Production test at room temperature and nominal supply
voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply
voltage with guardbands for supply and temperature ranges
using correlated test.
3. Production test at room temperature and nominal supply
voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of
similar product.
9. Indirect test.
NOTES
1. All DC and AC electrical parameters within specification.
2. Set by the value of the RSET resistor.
3. SDO outputs enabled.
Table 2-1: DC Electrical Characteristics (Continued)
TA = 0°C to 70°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Notes
Table 2-2: AC Electrical Characteristics
TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Notes
System
Device Latency
SMPTE and
Data-Through modes
–21
–
PCLK
6
–
DVB-ASI mode
–
11
–
PCLK
6
–
Reset Pulse Width
t
reset
1–
–
ms
7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com