Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062 Datasheet(PDF) 32 Page - Gennum Corporation

Part # GS9062
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 32 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 28Page - Gennum Corporation GS9062 Datasheet HTML 29Page - Gennum Corporation GS9062 Datasheet HTML 30Page - Gennum Corporation GS9062 Datasheet HTML 31Page - Gennum Corporation GS9062 Datasheet HTML 32Page - Gennum Corporation GS9062 Datasheet HTML 33Page - Gennum Corporation GS9062 Datasheet HTML 34Page - Gennum Corporation GS9062 Datasheet HTML 35Page - Gennum Corporation GS9062 Datasheet HTML 36Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
32 of 46
Table 3-8: Host Interface Description for EDH Calculation Range Registers
Register Name
Bit
Name
Description
R/W
Default
AP_LINE_START_F0
Address: 12h
15-10
Not Used
9-0
AP_LINE_START_F0[9:0]
Field 0 Active Picture start line data used to
set EDH calculation range outside of RP 165
values.
R/W
0
AP_LINE_END_F0
Address: 13h
15-10
Not Used
9-0
AP_LINE_END_F0[9:0]
Field 0 Active Picture end line data used to
set EDH calculation range outside of RP 165
values.
R/W
0
AP_LINE_START_F1
Address: 14h
15-10
Not Used
9-0
AP_LINE_START_F1[9:0]
Field 1 Active Picture start line data used to
set EDH calculation range outside of RP 165
values.
R/W
0
AP_LINE_END_F1
Address: 15h
15-10
Not Used
9-0
AP_LINE_END_F1[9:0]
Field 1 Active Picture end line data used to
set EDH calculation range outside of RP 165
values.
R/W
0
FF_LINE_START_F0
Address: 16h
15-10
Not Used
9-0
FF_LINE_START_F0[9:0]
Field 0 Full Field start line data used to set
EDH calculation range outside of RP 165
values.
R/W
0
FF_LINE_END_F0
Address: 17h
15-10
Not Used
9-0
FF_LINE_END_F0[9:0]
Field 0 Full Field end line data used to set
EDH calculation range outside of RP 165
values.
R/W
0
FF_LINE_START_F1
Address: 18h
15-10
Not Used
9-0
FF_LINE_START_F1[9:0]
Field 1 Full Field start line data used to set
EDH calculation range outside of RP-165
values.
R/W
0
FF_LINE_END_F1
Address: 19h
15-10
Not Used
9-0
FF_LINE_END_F1[9:0]
Field 1 Full Field end line data used to set
EDH calculation range outside of RP-165
values.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com